Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPB02 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # BPB02
Description  BULKHEAD PHONO JACKS PRODUCT BULLETIN 536
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

BPB02 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  BPB02 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BULKHEAD PHONO JACKS PRODUCTBULLETIN 536
Product Information
Part Number
Color
BPJR01
Black
BPJR01AU
Black
BPJR02
Red
BPJR02AU
Red
BPJR03
White
BPJR03AU
White
BPJR04
Yellow
BPJR04AU
Yellow
Rear Mount Solder Type
Front Mount Solder Type
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
All PC Board layouts are component side
Part Number
Color
BPJF01
Black
BPJF01AU
Black
BPJF02
Red
BPJF02AU
Red
BPJF03
White
BPJF03AU
White
BPJF04
Yellow
BPJF04AU
Yellow
Ordering Information
BPJ
R
01
AU
Bulkhead
R = Rear
01 = Black
AU = Gold
Phono Jack
F = Front
02 = Red
Empty = NickeL
B = Bulkhead
03 = White
04 = Yellow
xx = Contact Factory
Bulkhead Mount
Part Number
Color
BPJJ01
Black
BPJJ01AU
Black
BPJJ02
Red
BPJJ02AU
Red
BPJJ03
White
BPJJ03AU
White
BPJJ04
Yellow
BPJJ04AU
Yellow
5555 North Elston Avenue
/
Chicago, IL 60630
Phone: 773-792-2700
/
Fax: 773-792-2129
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m


Similar Part No. - BPB02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
BPB52L1F BELDEN-BPB52L1F Datasheet
147Kb / 2P
CAT5 100Ω 4x22AWG Profinet Type B fire resistant cable
2022 Belden, Inc
More results

Similar Description - BPB02

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
logo
Switchcraft, Inc.
RAPC742 SWITCH-RAPC742 Datasheet
290Kb / 1P
JACKS AND PLUGS PRODUCT BULLETIN 547
logo
PANDUIT CORP.
HLC3S-X0 PANDUIT-HLC3S-X0 Datasheet
723Kb / 2P
Product Bulletin
logo
M/A-COM Technology Solu...
02007-PBD-001-A MA-COM-02007-PBD-001-A Datasheet
39Kb / 1P
Product Bulletin
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
NEW PRODUCT BULLETIN
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
Product Bulletin
28560-PBD-001-A MA-COM-28560-PBD-001-A_15 Datasheet
60Kb / 2P
Product Bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
product bulletin
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
Product/Process Bulletin Update
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com