Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

260 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 260
Description  1/4 COMMERCIAL PHONE PLUGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

260 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  260 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ONLINE CATALOG
SWITCHCRAFT, INC. 5555 N. Elston Ave.
Chicago, IL 60630 • 773 792-2700 • FAX: 773 792-2129
www.switchcraft.com
1/4" COMMERCIAL PHONE PLUGS
DIMENSIONS ARE FOR REFERENCE ONLY
NOTE: Contact your Switchcraft Representative for price and delivery.
Inch
(mm)


Similar Part No. - 260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
260 ETC2-260 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
3M Electronics
260 3M-260 Datasheet
55Kb / 2P
One-Part, General Purpose Epoxy Powder Resin
2005
logo
Adafruit Industries
260 ADAFRUIT-260 Datasheet
177Kb / 1P
USB cable ‐ A/MiniB ‐ 3ft
11-6-17
logo
Keystone Electronics Co...
260 KEYSTONE-260 Datasheet
197Kb / 1P
8V BATTERY CONNECTORS
2.09.21 REV. A
logo
Walther-Werke
260 406 DF WALTHER-260 406 DF Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
More results

Similar Description - 260

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7140 POMONA-7140 Datasheet
113Kb / 1P
Cable Mounted 쩌??Phone Plugs and Jack
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
1/4 RIGHT-ANGLE PHONE JACKS
482NC SWITCH-482NC Datasheet
17Kb / 1P
LITTEL PLUG짰 PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
13B SWITCH-13B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
1/4 Prof. Phone Plugs, X-Series
logo
Switchcraft, Inc.
N113X SWITCH-N113X Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
logo
Neutrik AG
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
2 pole 1/4" professional phone plug, gold contacts, black shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, black shell
NP3X-B NEUTRIK-NP3X-B Datasheet
63Kb / 3P
3 pole 1/4" professional phone plug, gold contacts, black shell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com