Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBBA Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # USBBA
Description  EH Series Audio/Video/Data CONNECTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

USBBA Datasheet(HTML) 1 Page - Switchcraft, Inc.

  USBBA Datasheet HTML 1Page - Switchcraft, Inc. USBBA Datasheet HTML 2Page - Switchcraft, Inc. USBBA Datasheet HTML 3Page - Switchcraft, Inc. USBBA Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S
Sw
wiittc
ch
hc
crra
afftt®
NPB
Switchcraft
®
www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630
Phone: 773-792-2700 Fax: 773-792-2129
560B
E
EH
H S
Se
erriie
es
s
A
Au
ud
diio
o//V
Viid
de
eo
o//D
Da
atta
a
The EH Series by Switchcraft® is a complete line of audio, video, and data
connectors built into standard panel-mount XLR housings. Custom
combinations of EH Series connectors can be quickly loaded into any of our
Q-G® Series panels. Once mounted, connecting your equipment to the
back of an EH Series connector is fast and easy. Most connectors are
feedthru, which means standard cabling is simply plugged into the back
of your gear, then plugged into the back of the EH Series connector. For
those EH Series connectors that are not feedthru, solder lugs are clearly
marked for simple, secure solder connections. All EH Series connectors
are available individually bagged with mounting screws.
Q-G® Series panels come standard as 1RU (1x16), 1.5RU (1x16), or 2RU
(2x16). 1RU and 1.5RU versions allow for any combination of up to 16 EH
Series connectors to be loaded into the panel. The 2RU version can
accommodate up to 32 EH Series connectors. Every Q-G® Series panel
includes quick change designation strips for easy connector identification.
Switchcraft's EH Series is the fastest and most versatile way to create a
custom panel or wall plate perfectly suited to meet the needs of any studio,
broadcast facility, or systems integrator. Customize your studio, make it
easy to access your I/O's, and increase the lifespan of expensive pieces
of equipment using EH Series connectors and Q-G® Series Panels from
Switchcraft®.
1. Choose any combination
of EH Series connectors.
2. Choose a blank Q-G®
Series panel.
3. Populate EH Series
connectors into Q-G®
Series panel to create
custom I/O solution for
all of your audio, video,
and data connections.
-QGPK1B440


Similar Part No. - USBBA

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
USBB AMPHENOLPCD-USBB Datasheet
110Kb / 2P
Amphenol Sealed USB-B
logo
MMD Components
USBB1 MMD-USBB1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
USBB3 MMD-USBB3 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
Adam Technologies, Inc.
USBB5DRA ADAM-TECH-USBB5DRA Datasheet
152Kb / 1P
USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
USBB5DRU ADAM-TECH-USBB5DRU Datasheet
152Kb / 1P
USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
More results

Similar Description - USBBA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Switchcraft, Inc.
EHRJ45P5E SWITCH-EHRJ45P5E Datasheet
166Kb / 1P
EH SERIES RJ45. RoHS
EH1PKG SWITCH-EH1PKG Datasheet
195Kb / 1P
AUDIO VIDEO DATA PANEL CONNECTORS
logo
Maxim Integrated Produc...
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
Composite Data, Audio, Video, Security and Control
05-05-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com