Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBBA Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # USBBA
Description  EH Series Audio/Video/Data CONNECTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

USBBA Datasheet(HTML) 4 Page - Switchcraft, Inc.

  USBBA Datasheet HTML 1Page - Switchcraft, Inc. USBBA Datasheet HTML 2Page - Switchcraft, Inc. USBBA Datasheet HTML 3Page - Switchcraft, Inc. USBBA Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPB
Switchcraft®
4
Switchcraft
®
www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630
Phone: 773-792-2700 Fax: 773-792-2129
EH Series
Audio/Video/Data
Q-G Panel Options
-QGPK1B440
-QGPK332MFB
Empty Q-G Rack Panels
Rack Height
Number of Knockouts
Tapped 4-40 Holes
QGPK1B
1RU
1 X 16
NO
QGPK1B440
1RU
1 x 16
YES
QGPK2B
1.5RU
1 X 16
NO
QGPK2B440
1.5RU
1 X 16
YES
QGPK3B
2RU
2 X 16
NO
QGPK3B440
2RU
2 X 16
YES
Pre-Loaded XLR Panels
Height
Description
QGPK116FB
1RU
16 Female
QGPK116MB
1RU
16 Male
QGPK18M8FB
1RU
8 Male, 8 Female
QGPK332MFB
2RU
16 Female, 16 Male
®
®
560B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com