Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41252 Datasheet(PDF) 7 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 7 Page - EPCOS

Back Button B41252 Datasheet HTML 3Page - EPCOS B41252 Datasheet HTML 4Page - EPCOS B41252 Datasheet HTML 5Page - EPCOS B41252 Datasheet HTML 6Page - EPCOS B41252 Datasheet HTML 7Page - EPCOS B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
VR = 10 V DC
10000
22
× 25
0.45
4.99
3.80
2.17
B41252A3109M000
12000
22
× 30
0.45
5.70
4.34
2.48
B41252A3129M000
15000
22
× 35
0.45
6.51
4.95
2.83
B41252A3159M000
15000
25.4
× 25
0.45
6.33
4.81
2.75
B41252B3159M000
18000
22
× 35
0.45
6.90
5.25
3.00
B41252A3189M000
18000
25.4
× 30
0.45
7.15
5.44
3.11
B41252B3189M000
22000
22
× 40
0.45
7.71
5.86
3.35
B41252A3229M000
22000
25.4
× 35
0.45
8.00
6.09
3.48
B41252B3229M000
22000
30
× 25
0.45
7.77
5.92
3.38
B41252C3229M000
27000
22
× 50
0.45
8.92
6.79
3.88
B41252A3279M000
27000
25.4
× 40
0.45
8.90
6.77
3.87
B41252B3279M000
27000
30
× 30
0.45
8.72
6.63
3.79
B41252C3279M000
33000
25.4
× 45
0.45
9.80
7.46
4.26
B41252A3339M000
33000
30
× 35
0.45
9.66
7.35
4.20
B41252B3339M000
39000
25.4
× 50
0.45
10.58
8.05
4.60
B41252A3399M000
39000
30
× 40
0.45
10.51
8.00
4.57
B41252B3399M000
39000
35
× 30
0.45
10.26
7.81
4.46
B41252C3399M000
47000
30
× 45
0.45
11.39
8.66
4.95
B41252A3479M000
47000
35
× 35
0.45
11.20
8.52
4.87
B41252B3479M000
56000
35
× 45
0.45
12.63
9.61
5.49
B41252A3569M000
VR = 16 V DC
8200
22
× 25
0.35
4.92
3.75
2.14
B41252A4828M000
10000
22
× 30
0.35
5.70
4.34
2.48
B41252A4109M000
10000
25.4
× 25
0.35
5.89
4.48
2.56
B41252B4109M000
12000
22
× 35
0.35
6.44
4.90
2.80
B41252A4129M000
12000
25.4
× 30
0.35
6.67
5.08
2.90
B41252B4129M000
12000
30
× 25
0.35
6.83
5.20
2.97
B41252C4129M000
15000
22
× 40
0.35
7.29
5.55
3.17
B41252A4159M000
15000
25.4
× 35
0.35
7.57
5.76
3.29
B41252B4159M000
15000
30
× 30
0.35
7.77
5.92
3.38
B41252C4159M000
18000
22
× 45
0.35
8.05
6.13
3.50
B41252A4189M000
18000
25.4
× 40
0.35
8.40
6.39
3.65
B41252B4189M000
18000
30
× 30
0.35
8.21
6.25
3.57
B41252C4189M000
22000
25.4
× 45
0.35
9.27
7.05
4.03
B41252A4229M000
22000
30
× 35
0.35
9.15
6.97
3.98
B41252B4229M000
B41252
Standard series
105
°C
Page 7 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com