Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41252 Datasheet(PDF) 11 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 11 Page - EPCOS

Back Button B41252 Datasheet HTML 7Page - EPCOS B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
VR = 80 V DC
2700
25.4
× 45
0.15
6.97
5.30
3.03
B41252A0278M000
2700
30
× 35
0.15
6.88
5.23
2.99
B41252B0278M000
3300
25.4
× 50
0.15
7.66
5.83
3.33
B41252A0338M000
3300
30
× 40
0.15
7.59
5.78
3.30
B41252B0338M000
3300
35
× 30
0.15
7.43
5.65
3.23
B41252C0338M000
3900
30
× 45
0.15
8.63
6.56
3.75
B41252A0398M000
3900
35
× 35
0.15
8.49
6.46
3.69
B41252B0398M000
4700
30
× 50
0.15
9.43
7.18
4.10
B41252A0478M000
4700
35
× 40
0.15
9.34
7.11
4.06
B41252B0478M000
5600
35
× 45
0.15
10.21
7.77
4.44
B41252A0568M000
6800
35
× 50
0.15
11.27
8.58
4.90
B41252A0688M000
VR = 100 V DC
820
22
× 30
0.15
3.36
2.56
1.46
B41252A9827M000
820
25.4
× 25
0.15
3.47
2.64
1.51
B41252B9827M000
1000
22
× 35
0.15
3.93
2.99
1.71
B41252A9108M000
1000
25.4
× 30
0.15
4.07
3.10
1.77
B41252B9108M000
1200
22
× 40
0.15
4.28
3.26
1.86
B41252A9128M000
1200
25.4
× 35
0.15
4.46
3.40
1.94
B41252B9128M000
1200
30
× 25
0.15
4.32
3.29
1.88
B41252C9128M000
1500
22
× 45
0.15
5.01
3.82
2.18
B41252A9158M000
1500
25.4
× 40
0.15
5.24
3.99
2.28
B41252B9158M000
1500
30
× 30
0.15
5.13
3.90
2.23
B41252C9158M000
1800
25.4
× 45
0.15
6.00
4.57
2.61
B41252A9188M000
1800
30
× 35
0.15
5.91
4.50
2.57
B41252B9188M000
2200
25.4
× 50
0.15
6.56
4.99
2.85
B41252A9228M000
2200
30
× 40
0.15
6.51
4.95
2.83
B41252B9228M000
2200
35
× 30
0.15
6.35
4.83
2.76
B41252C9228M000
2700
30
× 45
0.15
7.52
5.72
3.27
B41252A9278M000
2700
35
× 35
0.15
7.41
5.64
3.22
B41252B9278M000
3300
30
× 50
0.15
8.26
6.28
3.59
B41252A9338M000
3300
35
× 40
0.15
8.17
6.21
3.55
B41252B9338M000
3900
35
× 45
0.15
9.27
7.05
4.03
B41252A9398M000
4700
35
× 50
0.15
10.12
7.70
4.40
B41252A9478M000
B41252
Standard series
105
°C
Page 11 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com