Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC122 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC122
Description  Low Voltage Synchronous Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC122 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC122 Datasheet HTML 5Page - Semtech Corporation SC122 Datasheet HTML 6Page - Semtech Corporation SC122 Datasheet HTML 7Page - Semtech Corporation SC122 Datasheet HTML 8Page - Semtech Corporation SC122 Datasheet HTML 9Page - Semtech Corporation SC122 Datasheet HTML 10Page - Semtech Corporation SC122 Datasheet HTML 11Page - Semtech Corporation SC122 Datasheet HTML 12Page - Semtech Corporation SC122 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SC122
11
5×f
osc
. Any inductor with these properties should provide
satisfactory performance.
The following table lists the manufacturers of recom-
mended inductor options.
Manufacturer/
Part #
Value
(μH)
DCR
(mΩ)
Rated
Current
(mA)
Tolerance
(%)
Dimensions
L×W×H
(mm)
Sumida 5508472xxxx
4.7
3800
90
2/5/10/20
2.2 × 1.4 × 1.6
Murata
LQM31PN4R7M00L
4.7
300
700
20
3.2 × 1.6 × 0.85
Capacitor Selection
Low ESR capacitors such as X5R or X7R type ceramic
capacitors are recommended for input bypassing and
output filtering. Low-ESR tantalum capacitors are not rec-
ommended due to possible reduction in capacitance seen
at the switching frequency of the SC122. Ceramic capaci-
tors of type Y5V are not recommended as their tempera-
ture coefficients make them unsuitable for this
application.
The input and output each require a minimum capaci-
tance value of 10μF at the programmed output voltage.
This must be considered when choosing small package
size capacitors as the DC bias must be included in their
derating to ensure this required value. For example, a
10μF 0805 capacitor may provide sufficient capacitance at
low output voltages but may be too low at higher output
voltages. Therefore, a higher nominal capacitance value
may be required to provide the minimum of 10μF at these
higher output voltages. Additional output capacitance
can be used extend the time between bursts, or to improve
load transient response. The following table lists recom-
mended capacitors.
Manufacturer/
Part Number
Value
(μF)
Rated Voltage
(VDC)
Type
Case
Size
Murata
GRM21BR60J226ME39B
22
6.3
X5R
0805
Murata
GRM31CR71A226KE15L
22
10
X7R
1206
PCB Layout Considerations
Good layout can enhance the performance of the DC-DC
converter and can avoid EMI problems, ground bounce,
and resistive voltage losses. The recommended layout is
shown in Figure 2.
The following simple design rules can be implemented to
ensure good layout:
Place the inductor and filter capacitors as close
to the device as possible and use short wide
traces between the power components.
Maximize ground metal on the component side
to improve the return connection and thermal
dissipation. Separation between the LX node
and GND should be maintained to avoid cou-
pling capacitance between the LX node and the
ground plane.
Use a ground plane with several vias connecting
to the component side ground to further reduce
noise interference on sensitive circuit nodes.
•
•
•
Applications Information (continued)
VOUT
GND
CIN
COUT
SC122
GND
EN
IN
LX
LX
OUT
GND
6.7mm
5.2mm
Figure 2 — Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com