Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC122 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC122
Description  Low Voltage Synchronous Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC122 Datasheet(HTML) 3 Page - Semtech Corporation

  SC122 Datasheet HTML 1Page - Semtech Corporation SC122 Datasheet HTML 2Page - Semtech Corporation SC122 Datasheet HTML 3Page - Semtech Corporation SC122 Datasheet HTML 4Page - Semtech Corporation SC122 Datasheet HTML 5Page - Semtech Corporation SC122 Datasheet HTML 6Page - Semtech Corporation SC122 Datasheet HTML 7Page - Semtech Corporation SC122 Datasheet HTML 8Page - Semtech Corporation SC122 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC122
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
IN, OUT, LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN
+ 0.3)
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . . . . . . . 0 to +70
V
IN
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7 to 1.6
V
OUT
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.3
Thermal Information
Thermal Resistance Junction-Ambient(2) (°C/W) . . . . . . . 84
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . 150
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . +260
Unless otherwise noted V
IN
= 1.2V, C
IN
= C
OUT
= 22μF, L
1
= 4.7μH, T
A
= 0 to +70°C. Typical values are at T
A
= 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
0.7
1.6
V
Output Voltage
V
OUT
3.3
V
Output Accuracy
V
OUT-tol
V
EN
= V
IN
-3
3
%
Minimum Startup Voltage
V
IN-SU
I
OUT
< 1mA
0.85
V
Operating Supply Current (1)
I
OUT-Q
V
EN
= V
IN
, I
OUT
= 0mA, V
OUT
= 3.3V
40
μA
Disabled OUT Leakage Current
I
OUT-DIS
V
EN
= 0, V
OUT
= 3.3V (externally forced)
2
μA
Disabled IN Quiescent Current
I
IN-DIS
V
EN
= 0, V
IN
= 1.6, V
OUT
= 3.3V (externally forced)
4
μA
Shutdown Current
I
IN-SHDN
V
EN
= 0V, V
IN
= 1.6V, V
OUT
= 0V
8.5
μA
Internal Oscillator Frequency
f
OSC
while bursting
1.2
MHz
Startup Time
t
SU
From V
EN
low-to-high transition
1
ms
Minimum V
IN
for Restart (2)
V
IN-Restart
Lowest V
IN
to ensure re-enable within 300μs,
V
OUT
= 3.1V (externally forced)
1.0
V
P-Channel ON Resistance
R
DS(ON)P
I
LX
= 50mA
0.6
Ω
N-Channel ON Resistance
R
DS(ON)N
I
LX
= 50mA, V
IN
=1.6V
0.5
Ω
P-Channel Startup Current Limit
I
LIM(P)-SU
V
IN
= 1.2V, V
EN
> V
IH
100
mA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com