Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC173EVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC173EVB
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173EVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC173EVB Datasheet HTML 15Page - Semtech Corporation SC173EVB Datasheet HTML 16Page - Semtech Corporation SC173EVB Datasheet HTML 17Page - Semtech Corporation SC173EVB Datasheet HTML 18Page - Semtech Corporation SC173EVB Datasheet HTML 19Page - Semtech Corporation SC173EVB Datasheet HTML 20Page - Semtech Corporation SC173EVB Datasheet HTML 21Page - Semtech Corporation SC173EVB Datasheet HTML 22Page - Semtech Corporation SC173EVB Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
© 2010 Semtech Corporation
Applications Information (continued)
The use of 1% feedback resistors may result in up to an
additional 1% error. If tighter DC accuracy is required, re-
sistors with lower tolerances should be used.
The output inductor value may change with current. This
will change the output ripple and therefore will have a
minor effect on the DC output voltage. The output ESR
also affects the output ripple and thus has a minor effect
on the DC output voltage.
Switching Frequency Variation
The switching frequency will vary depending on line and
load conditions. The line variations are a result of fixed
propagation delays in the on-time one-shot, as well as
unavoidable delays in the power FET switching. As V
IN
increases, these factors make the actual DH on-time
slightly longer than the ideal on-time. The net effect is
that frequency tends to fall slightly with increasing input
voltage.
The switching frequency also varies with load current
as a result of the power losses in the MOSFETs and the
inductor. For a conventional PWM constant-frequency
converter, as load increases the duty cycle also increases
slightly to compensate for IR and switching losses in the
MOSFETs and inductor. A adaptive on-time converter
must also compensate for the same losses by increasing
the effective duty cycle (more time is spent drawing en-
ergy from V
IN as losses increase). The on-time is essential-
ly constant for a given V
OUT and VIN combination, to offset
the losses the off-time will tend to reduce slightly as load
increases. The net effect is that switching frequency in-
creases slightly with increasing load.
19
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com