Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC173EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC173EVB
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC173EVB Datasheet HTML 1Page - Semtech Corporation SC173EVB Datasheet HTML 2Page - Semtech Corporation SC173EVB Datasheet HTML 3Page - Semtech Corporation SC173EVB Datasheet HTML 4Page - Semtech Corporation SC173EVB Datasheet HTML 5Page - Semtech Corporation SC173EVB Datasheet HTML 6Page - Semtech Corporation SC173EVB Datasheet HTML 7Page - Semtech Corporation SC173EVB Datasheet HTML 8Page - Semtech Corporation SC173EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
© 2010 Semtech Corporation
Recommended Operating Conditions
Absolute Maximum Ratings
Thermal Information
LX to GND ……………………………………… - 0.3 to +6.0V
VIN to PGND, EN/PSV to AGND ………………… -0.3 to +6.0V
VIN to VDD…………………………………………………+0.3V
BST to LX ………………………………………… -0.3 to +6.0V
BST to PGND……………………………………
-0.3 to +12V
VDD to AGND, VOUT to AGND………………… -0.3V to +6.0V
FB, PGOOD, TON …………………………… -0.3 to VDD + 0.3V
AGND to PGND…………………………………
-0.3 to +0.3V
Peak IR Reflow Temperature ……………….…………… 260°C
ESD Protection Level(1) ………………………………………1kV
Supply Input Voltage……………………………… 3V to 5.5V
Maximum Continuous Output Current …………………… 3A
Storage Temperature …………………………… -60 to +150°C
Maximum Junction Temperature ……………………… 150°C
Operating Junction Temperature ……………… -40 to +125°C
Thermal Resistance, Junction to Ambient(2) ………… 40°C/W
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES-
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Unless specified: V
IN =5V, TA=+25°C for Typ, -40°C to +85°C for Min and Max, TJ < 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supplies
VIN, VDD Input Voltage
3
5.5
V
VDD UVLO Threshold
Rising UVLO V
TH
2.75
2.90
2.98
V
VDD UVLO Hysteresis
100
200
mV
VIN, VDD Supply Current
EN/PSV= 0V
5
15
μA
I
OUT=0A, PSAVE, fSW=25kHz
(1)
500
Forced Continuous Conduction Mode
I
OUT=0A , fSW=500kHz
(1)
1000
Controller
FB On-Time Threshold
0.7425
0.75
0.7575
V
Frequency Programming Range
See R
TON Calculation
200
1000
kHz
FB Input Bias Current
FB=VDD or 0V
-1
+1
μA
Timing
On-Time
Continuous Mode
V
IN=5V, VOUT=3V, RTON=200kΩ
2.7
3
3.3
μ
s
Minimum On-Time(1)
80
ns
Minimum Off-Time(1)
250
ns
3
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com