Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC185EEVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC185EEVB
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185EEVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC185EEVB Datasheet HTML 9Page - Semtech Corporation SC185EEVB Datasheet HTML 10Page - Semtech Corporation SC185EEVB Datasheet HTML 11Page - Semtech Corporation SC185EEVB Datasheet HTML 12Page - Semtech Corporation SC185EEVB Datasheet HTML 13Page - Semtech Corporation SC185EEVB Datasheet HTML 14Page - Semtech Corporation SC185EEVB Datasheet HTML 15Page - Semtech Corporation SC185EEVB Datasheet HTML 16Page - Semtech Corporation SC185EEVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SC185
© 2010 Semtech Corp.
Applications Information
Detailed Description
The SC185 is a synchronous step-down Pulse Width
Modulated (PWM), DC-DC converter utilizing a 1.5MHz
fixed-frequency voltage mode architecture. The device is
designed to operate in fixed-frequency PWM mode and
has the option to enter power save mode (PSAVE) at light
loads to maximize efficiency. The switching frequency is
chosen to minimize the size of the external inductor and
capacitors while maintaining high efficiency.
Operation
During normal operation, the PMOS MOSFET is activated
on each rising edge of the internal oscillator. The period
is set by the onboard oscillator when in PWM mode. The
device has an internal synchronous NMOS rectifier and
does not require a Schottky diode on the LX pin. The
device operates as a buck converter in PWM mode with
a fixed frequency of 1.5MHz at medium to high loads. At
light loads, depending on the MODE pin configuration, the
part will either enter PSAVE mode to maximize efficiency
or stay in forced PWM mode.
Power Save Mode Operation
Connect the MODE pin to ground to enable the PSAVE
mode. When the load current decreases below the PSAVE
threshold, PWM switching stops and the device automati-
cally enters PSAVE mode. This threshold varies depending
on the input voltage and output voltage setting, optimiz-
ing efficiency for all possible load currents - whether in
PWM or PSAVE mode.While in PSAVE mode, output voltage
regulation is controlled by a series of bursts in switching.
During a burst, the inductor current is limited to a peak
value which controls the on-time of the PMOS switch. After
reaching this peak, the PMOS switch is disabled and the
inductor current is forced to near 0mA. Switching bursts
continue until the output voltage climbs to V
OUT +2% or
until the PSAVE current limit is reached. Switching is then
stopped to eliminate switching losses, enhancing overall
efficiency. Switching resumes when the output voltage
reaches the lower threshold of V
OUT and continues until the
upper threshold again is reached. Note that the output
voltage is regulated hysterically while in PSAVE mode
between V
OUT and VOUT + 2%. The period and duty cycle
while in PSAVE mode are solely determined by V
IN and VOUT
until PWM mode resumes. This can result in the switching
frequency being much lower than the PWM mode
frequency.
If the output load current increases enough to cause
V
OUT to decrease below the PSAVE exit threshold (VOUT -
4%), the device automatically exits PSAVE and operates
in continuous PWM mode. Note that the PSAVE high
and low threshold levels are both set at or above V
OUT to
minimize undershoot when the SC185 exits PSAVE. Figure
1 illustrates the transitions from PWM mode to PSAVE
mode and back to PWM mode.
Figure 1 — Transitions between PWM and PSAVE
Modes
Protection Features
The SC185 provides the following protection features:
Current Limit
Over-Voltage Protection
Soft-Start Operation
Thermal Shutdown
•
•
•
•
VOUT
VOUT +2.5%
VOUT -2%
Load
Demand
(
IOUT)
BURST
OFF
VLX
Time
PWM Mode at
Medium/High
Load
PSAVE Mode at
Light Load
PWM Mode at
Medium/High
Load
PSAVE
EXIT
VOUT +2%
VOUT - 4%
www.semtech.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com