Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC185EEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC185EEVB
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185EEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC185EEVB Datasheet HTML 10Page - Semtech Corporation SC185EEVB Datasheet HTML 11Page - Semtech Corporation SC185EEVB Datasheet HTML 12Page - Semtech Corporation SC185EEVB Datasheet HTML 13Page - Semtech Corporation SC185EEVB Datasheet HTML 14Page - Semtech Corporation SC185EEVB Datasheet HTML 15Page - Semtech Corporation SC185EEVB Datasheet HTML 16Page - Semtech Corporation SC185EEVB Datasheet HTML 17Page - Semtech Corporation SC185EEVB Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
SC185
© 2010 Semtech Corp.
in circuit whenever the EN pin is below its threshold, or
when the device is in under voltage lockout and AVIN
exceeds 0.8V. When the device is enabled, it takes about
50µs for the internal circuitry wake up and begin the soft-
start up sequence.
Operation Mode Selection
The MODE input is used to select between forced PWM
and automatic PSAVE modes. When the MODE pin is held
high, the device operates in forced continuous PWM mode
regardless of the output load condition. When the MODE
pin is held low (grounded), the device is permitted to
operate in Power Save mode (PSAVE). The MODE pin can
be changed on-the-fly. When the MODE pin is switched
from low to high, the device will transition to forced
continuous PWM mode immediately. When the MODE
pin is switched from high to low, and the load current is
below the PSAVE entry level, the device will transition to
PSAVE mode after 64 clock cycles. The MODE pin has a
500kΩ internal pull-down resistor. This resistor is switched
in circuit whenever the MODE pin is below its threshold,
or when the device is in under voltage lockout but AVIN
exceeds 0.8V.
100% Duty-Cycle Operation
SC185 is capable of operating at 100% duty-cycle. When
the difference between input voltage to output voltage
is less than the minimum dropout voltage, the PMOS
switch is completely on, operating in 100% duty-cycle.
The minimum dropout voltage is the output current
multiplied by the on-resistance of the internal PMOS
switch and the DC-resistance of the inductor when PMOS
switch is on continuously.
Output L-C filter Selection
SC185 has fixed internal loop-gain compensation. It is
optimized for X5R or X7R ceramic output capacitors and
an output L-C filter corner frequency of less than 34KHz.
The output L-C corner frequency can be determined by
Equation 2.
OUT
C
C
L
f
⋅
=
π
2
1
(2)
In general, the inductor is chosen to set the inductor ripple
current to approximately 30% of the maximum output
current. It is recommended to use a typical inductor
Applications Information (continued)
value of 1μH to 2.2μH with output ceramic capacitors of
44μF or higher capacitance. Lower inductance should
be considered in applications where faster transient
response is required. More output capacitance will reduce
the output deviation for a particular load transient. When
using low inductance, the maximum peak inductor
current at any condition (normal operation and start up)
can not exceed 5A which is the guaranteed minimum
current limit. The saturation current rating of the inductor
needs to be at least larger than the peak inductor current
which is the maximum output current plus half of inductor
ripple current.
www.semtech.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com