Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189AEVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC189AEVB
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189AEVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC189AEVB Datasheet HTML 15Page - Semtech Corporation SC189AEVB Datasheet HTML 16Page - Semtech Corporation SC189AEVB Datasheet HTML 17Page - Semtech Corporation SC189AEVB Datasheet HTML 18Page - Semtech Corporation SC189AEVB Datasheet HTML 19Page - Semtech Corporation SC189AEVB Datasheet HTML 20Page - Semtech Corporation SC189AEVB Datasheet HTML 21Page - Semtech Corporation SC189AEVB Datasheet HTML 22Page - Semtech Corporation SC189AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
21
SC189
Figure 7 — Recommended PCB Top & Bottom Layer
Layout for MLPD-UT6 2x2 Package
PCB Layout Considerations
The layout diagram in figure 7 and figure 8 shows a
recommended PCB for MLPD-UT6 2x2 and SOT23-5
package, respectively. Fundamental layout rules must
be followed since the layout is critical for achieving the
performance specified in the Electrical Characteristics
table. Poor layout can degrade the performance of the DC-
DC converter and can contribute to EMI problems, ground
bounce, and resistive voltage losses. Poor regulation and
instability can result.
The following guidelines are recommended when
developing a PCB layout:
Theinputcapacitor,C
IN should be placed as close to the
VIN and GND pins as possible. This capacitor provides
a low impedance loop for the pulsed currents present
at the buck converter’s input. Use short wide traces
to connect as closely to the IC as possible. This will
minimize EMI and input voltage ripple by localizing
the high frequency current pulses.
Keep the LX pin traces as short as possible to minimize
pickup of high frequency switching edges to other
parts of the circuit. C
OUT and L should be connected as
close as possible between the LX and GND pins, with
a direct return to the GND pin from C
OUT.
Route the output voltage feedback/sense path away
from inductor and LX node to minimize noise and
magnetic interference.
Use a ground plane referenced to the SC189 GND pin.
Use several vias to connect to the component side
ground to further reduce noise and interference on
sensitive circuit nodes.
If possible, minimize the resistance from theVOUT and
GND pins to the load.This will reduce the voltage drop
on the ground plane and improve the load regulation.
And it will also improve the overall efficiency by
reducing the copper losses on the output and ground
planes.
1.
2.
3.
4.
5.
Applications Information (continued)
(a) Top layer for MLPD-UT6 2x2 package
(b) Bottom layer for MLPD 2x2 package
VIN
GND
GND
VOUT
EN
L
U1
GND
GND
Figure 8 — Recommended PCB Top & Bottom Layer
Layout for SOT23-5 Package
(a) Top layer for SOT23-5 package
(b) Bottom layer for SOT23-5 package
GND
VOUT
L
CIN
COUT
U1
VIN
GND
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com