Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189AEVB Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC189AEVB
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189AEVB Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC189AEVB Datasheet HTML 15Page - Semtech Corporation SC189AEVB Datasheet HTML 16Page - Semtech Corporation SC189AEVB Datasheet HTML 17Page - Semtech Corporation SC189AEVB Datasheet HTML 18Page - Semtech Corporation SC189AEVB Datasheet HTML 19Page - Semtech Corporation SC189AEVB Datasheet HTML 20Page - Semtech Corporation SC189AEVB Datasheet HTML 21Page - Semtech Corporation SC189AEVB Datasheet HTML 22Page - Semtech Corporation SC189AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
22
SC189
Outline Drawing – 2x2 MLPD-UT6
Land Pattern – 2x2 MLPD-UT6
D
E
A
A1
D1
E1
.061
.035
.026 .031
0.80
0.65
0.90
1.55
.071
.067
1.70 1.80
E
bxN
.075 .079 .083 1.90 2.00 2.10
D1
E1
(LASER MARK)
INDICATOR
PIN 1
1
N
2
MIN
aaa
bbb
b
e
L
N
D
A1
A2
A
DIM
MILLIMETERS
NOM
DIMENSIONS
MAX
NOM
INCHES
MIN
MAX
A2
LxN
NOTES:
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS.
2.
1.
.003
.007
.075
6
.010
.079
.000
.018
(.006)
0.08
0.25
6
.012
.083
0.18
1.90
.024
.002 0.00
0.45
2.10
0.30
2.00
0.05
0.60
(0.1524)
.004
0.10
0.50 BSC
.020 BSC
0.25
.010
.018
.014
0.35 0.45
aaa C
SEATING
PLANE
A
bbb
C A B
B
e
C
-
-
-
-
Y
H
K
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
.031
.067
0.80
1.70
.106
.020
.012
.030
2.70
0.30
0.75
0.50
(.077)
.047
1.20
(1.95)
NOTES:
2.
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
FUNCTIONAL PERFORMANCE OF THE DEVICE.
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
INCHES
DIMENSIONS
G
K
H
X
Y
P
Z
C
DIM
MILLIMETERS
(C)
G
Z
P
X
R
.006
0.15
R
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com