Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403MLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC403MLTRT
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403MLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC403MLTRT Datasheet HTML 5Page - Semtech Corporation SC403MLTRT Datasheet HTML 6Page - Semtech Corporation SC403MLTRT Datasheet HTML 7Page - Semtech Corporation SC403MLTRT Datasheet HTML 8Page - Semtech Corporation SC403MLTRT Datasheet HTML 9Page - Semtech Corporation SC403MLTRT Datasheet HTML 10Page - Semtech Corporation SC403MLTRT Datasheet HTML 11Page - Semtech Corporation SC403MLTRT Datasheet HTML 12Page - Semtech Corporation SC403MLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SC403
9
Typical Characteristics
Efficiency vs. Load — Forced Continuous Mode
IOUT (ADC)
0
20
40
60
80
100
0.001
0.010
0.100
1.000
10.000
0.0
0.5
1.0
1.5
2.0
2.5
PLOSS
Efficiency
VIN = 6V
VIN = 12V
VIN = 20V
VIN = 6V
VIN = 20V
VIN = 12V
Characteristics in this section are based on using the applicable Detailed Application Circuit.
V
OUT vs. Load — PSAVE Mode
IOUT (ADC)
1.425
1.450
1.475
1.500
1.525
1.550
1.575
0.001
0.010
0.100
1.000
10.000
0
25
50
75
100
125
150
VPK-PK
VOUT
VIN = 12V
VIN = 20V
VIN = 6V
VIN = 6V
VIN = 20V
VIN = 12V
Efficiency vs. Load — PSAVE Mode
IOUT (ADC)
0
20
40
60
80
100
0.001
0.010
0.100
1.000
10.000
0.0
0.5
1.0
1.5
2.0
2.5
Efficiency
PLOSS
VIN = 12V
VIN = 20V
VIN = 6V
VIN = 12V
VIN = 6V
VIN = 20V
V
OUT = 1.5V, VLDO = VDD = ENL = 5V, EN/P5V is floating
V
OUT vs. Load — Forced Continuous Mode
IOUT (ADC)
1.425
1.450
1.475
1.500
1.525
1.550
1.575
0.001
0.010
0.100
1.000
10.000
0
25
50
75
100
125
150
VPK-PK
VOUT
VIN = 12V
VIN = 12V
VIN = 6V
VIN = 20V
VIN = 6V
VIN = 20V
V
OUT = 1.5V, VLDO = VDD = ENL = 5V, EN/P5V is floating
V
OUT = 1.5V, VLDO = VDD = EN/PSV= ENL = 5V
V
OUT = 1.5V, VLDO = VDD = EN/PSV= ENL = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com