Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403MLTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC403MLTRT
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403MLTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC403MLTRT Datasheet HTML 1Page - Semtech Corporation SC403MLTRT Datasheet HTML 2Page - Semtech Corporation SC403MLTRT Datasheet HTML 3Page - Semtech Corporation SC403MLTRT Datasheet HTML 4Page - Semtech Corporation SC403MLTRT Datasheet HTML 5Page - Semtech Corporation SC403MLTRT Datasheet HTML 6Page - Semtech Corporation SC403MLTRT Datasheet HTML 7Page - Semtech Corporation SC403MLTRT Datasheet HTML 8Page - Semtech Corporation SC403MLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SC403
2
Pin Configuration
Ordering Information
Marking Information
SC403
yyww
xxxxxx
xxxxxx
AGND
PAD 1
VIN
PAD 2
LX
PAD 3
32
31
30
29
28
27
26
25
24
LX
LX
23
PGND
22
PGND
21
PGND
20
PGND
19
PGND
18
PGND
17
16
15
14
13
12
11
10
9
BST
8
FBL
5
SS
7
VIN
6
VDD
3
AGND
4
FB
1
Top View
VOUT
2
Notes:
1)
Available in tape and reel only. A reel contains 3000 devices.
2)
Lead-free package only. Device is RoHS/WEEE compliant and
halogen free.
yyww = Date Code
xxxxxx = Semtech Lot Number
xxxxxx = Semtech Lot Number
SC403
MLPQ-32; 5x5, 32 LEAD
Device
Package
SC403MLTRT(1)(2)
MLPQ-32 5X5
SC403EVB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com