Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414MLTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC414MLTRT
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414MLTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC414MLTRT Datasheet HTML 1Page - Semtech Corporation SC414MLTRT Datasheet HTML 2Page - Semtech Corporation SC414MLTRT Datasheet HTML 3Page - Semtech Corporation SC414MLTRT Datasheet HTML 4Page - Semtech Corporation SC414MLTRT Datasheet HTML 5Page - Semtech Corporation SC414MLTRT Datasheet HTML 6Page - Semtech Corporation SC414MLTRT Datasheet HTML 7Page - Semtech Corporation SC414MLTRT Datasheet HTML 8Page - Semtech Corporation SC414MLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SC414/SC424
2
ENABLE PSAVE
FB
1
V5V
2
AGND
3
VOUT
4
VIN
5
VLDO
6
BST
7
8
9
10
11 12
13
14
LX
15
PGND
16
PGND
17
PGND
18
PGND
19
LX
20
LX
21
22
23
24
25
26
27
28
AGND
PAD 1
VIN
PAD 2
LX
PAD 3
RGND
0
PGOOD
RILIM
9.09K
Ω
RFB1
10K
Ω
L1
C3
100nF
+12V
ENABLE LDO
RTON
154K
Ω
+
COUT
220μF
C4
10nF
RFB2
30K
Ω
C1
C2
1μF
1V @ 6A, 250kHz
VIN
VOUT
RPGOOD
10K
Ω
V5V
CBST
1μF
All other small signal components (resistors and capacitors) are standard SMT devices.
Component
Value
Manufacturer
Part Number
Web
CIN
10μF/25V
Murata
GRM32DR71E106KA12L
www.murata.com
www.panasonic.com
COUT
220μF/15m
Ω/6.3V
Panasonic
EEFUE0J221R
www.vishay.com
L1
1.5μH/9A
Vishay
IHLP2525CZER1R5M01
Key Components
SC414/SC424
VOUT
V5V
1.5μH
FB
FB
VOUT
1μF
CIN
10μF
CIN
10μF
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com