Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414MLTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC414MLTRT
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414MLTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC414MLTRT Datasheet HTML 17Page - Semtech Corporation SC414MLTRT Datasheet HTML 18Page - Semtech Corporation SC414MLTRT Datasheet HTML 19Page - Semtech Corporation SC414MLTRT Datasheet HTML 20Page - Semtech Corporation SC414MLTRT Datasheet HTML 21Page - Semtech Corporation SC414MLTRT Datasheet HTML 22Page - Semtech Corporation SC414MLTRT Datasheet HTML 23Page - Semtech Corporation SC414MLTRT Datasheet HTML 24Page - Semtech Corporation SC414MLTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SC414/SC424
21
Applications Information (continued)
Note that it is possible to operate the switcher with the
LDO disabled, but the ENL pin must be below the logic
low threshold (0.4V maximum). The table below summa-
rizes the function of the ENL and EN pins, with respect to
the rising edge of ENL.
EN
ENL
LDO status
Switcher status
low
low, < 0.4V
off
off
high
low, < 0.4V
off
on
low
high, < 2.6V
on
off
high
high, < 2.6V
on
off
low
high, > 2.6V
on
off
high
high, > 2.6V
on
on
Figure 12 below shows the ENL voltage thresholds and
their effect on LDO and Switcher operation.
AGND
ENL low
threshold
(min 0.4V)
2.6V
2.4V
LDO on
LDO on
LDO off
VIN UVLO hysteresis
ENL voltage
Switcher on if EN = high
Switcher on if EN = high
Switcher off by VIN UVLO
Figure 12 — ENL Thresholds
ENL Logic Control of PWM Operation
When the ENL input is driven above 2.6V, it is impossible to
determine if the LDO output is going to be used to power
the device or not. In self-powered operation where the
LDO will power the device, it is necessary during the LDO
start-up to hold the PWM switching off until the LDO has
reached 90% of the final value. This prevents overloading
the current-limited LDO output during the LDO start-up.
However, if the switcher was previously operating (with
EN/PSV high but ENL at ground, and V5V supplied exter-
nally), then it is undesirable to shut down the switcher. To
prevent this, when the ENL input is above 2.6V (above the
V
IN
UVLO threshold), the internal logic checks the PGOOD
signal. If PGOOD is high, then the switcher is already
running and the LDO will run through the start-up cycle
without affecting the switcher. If PGOOD is low, then the
LDO will not allow any PWM switching until the LDO
output has reached 90% of it’s final value.
Using the On-chip LDO to Bias the SC414/SC424
The following steps must be followed when using the
internal LDO to bias the device.
Connect V5V to VLDO before enabling the LDO.
Any external load on VLDO should not exceed
40mA until the LDO voltage has reached 90% of
final value.
Do not connect the EN pin directly to the V5V or
any other supply voltage if Vout is greater than
or equal to 4.5V
Many applications connect the EN pin to V5V and control
the on/off of the LDO and PWM simultaneously with the
ENL pin. This allows one signal to control both the bias
and power output of the SC414. When V
OUT
> 4.5V this
configuration can cause problems due to the parasitic
diodes in the LDO switchover circuitry. After the Vout >
4.5V PWM output is up and running the switchover diodes
can hold up V5V > UVLO even if the ENL pin is grounded,
turning off the LDO. Operating in this way can potentially
damage the part.
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX
) is the highest speci-
fied input voltage. The minimum input voltage ( V
INMIN
) is
determined by the lowest input voltage after evaluating
the voltage drops due to connectors, fuses, switches, and
PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT
)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT
)
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com