Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC414EVB
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC414EVB Datasheet HTML 3Page - Semtech Corporation SC414EVB Datasheet HTML 4Page - Semtech Corporation SC414EVB Datasheet HTML 5Page - Semtech Corporation SC414EVB Datasheet HTML 6Page - Semtech Corporation SC414EVB Datasheet HTML 7Page - Semtech Corporation SC414EVB Datasheet HTML 8Page - Semtech Corporation SC414EVB Datasheet HTML 9Page - Semtech Corporation SC414EVB Datasheet HTML 10Page - Semtech Corporation SC414EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SC414/SC424
7
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Linear Regulator — LDO (not available for V5V < 5V)
VLDO Accuracy
VLDO load = 10mA
4.9
5.0
5.1
V
LDO Current Limit
Start-up and foldback, V
IN
= 12V
85
mA
Operating current limit, V
IN
= 12V
135
200
VLDO to VOUT Switch-over Threshold (4)
-140
+140
mV
VLDO to VOUT Non-switch-over Threshold (4)
-450
+450
mV
VLDO to VOUT Switch-over Resistance
V
OUT
= +5V
2
Ω
LDO Drop Out Voltage (5)
From V
IN
to V
VLDO
, V
VLDO
= +5V, I
VLDO
= 100mA
1.2
V
Notes:
(1)
V
IN
UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
(2)
Guaranteed by design.
(3)
For V5V less than 4.5V, the On-Time may be limited by the V5V supply voltage and by V
IN
. See the TON Limitations and V5V Supply Voltage
section in the applications Information.
(4)
The switch-over threshold is the maximum voltage differential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to V
OUT
. The non-switch-over threshold is the minimum voltage differential between the VLDO and VOUT pins which ensures that
VLDO will not switch-over to V
OUT
.
(5)
The LDO drop out voltage is the voltage at which the LDO output drops 2% below the nominal regulation point. Thermal resistance, junction
to ambient — guaranteed by design (°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com