Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC414EVB
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC414EVB Datasheet HTML 1Page - Semtech Corporation SC414EVB Datasheet HTML 2Page - Semtech Corporation SC414EVB Datasheet HTML 3Page - Semtech Corporation SC414EVB Datasheet HTML 4Page - Semtech Corporation SC414EVB Datasheet HTML 5Page - Semtech Corporation SC414EVB Datasheet HTML 6Page - Semtech Corporation SC414EVB Datasheet HTML 7Page - Semtech Corporation SC414EVB Datasheet HTML 8Page - Semtech Corporation SC414EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SC414/SC424
3
Pin Configuration
Ordering Information
Marking Information
SC414
yyww
xxxxx
xxxxx
AGND
PAD 1
LX
PAD 3
BST
7
VOUT
4
VLDO
6
VIN
5
V5V
2
AGND
3
FB
1
Top View
LX
15
PGND
18
PGND
16
PGND
17
LX
20
PGND
19
LX
21
8
10
9
11
12
13
14
28
26
27
25
24
23
22
VIN
PAD 2
Notes:
1)
Available in tape and reel only. A reel contains 3000 devices.
2)
Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen free.
yyww = Date Code
xxxxx = Semtech Lot Number
SC414 and SC424
MLPQ-28; 4x4, 28 LEAD
SC424
yyww
xxxxx
xxxxx
yyww = Date Code
xxxxx = Semtech Lot Number
Device
Package
SC414MLTRT(1)(2)
MLPQ-28 4x4
SC424MLTRT(1)(2)
MLPQ-28 4x4
SC414EVB
Evaluation Board
SC424EVB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com