Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC415_08 Datasheet HTML 12Page - Semtech Corporation SC415_08 Datasheet HTML 13Page - Semtech Corporation SC415_08 Datasheet HTML 14Page - Semtech Corporation SC415_08 Datasheet HTML 15Page - Semtech Corporation SC415_08 Datasheet HTML 16Page - Semtech Corporation SC415_08 Datasheet HTML 17Page - Semtech Corporation SC415_08 Datasheet HTML 18Page - Semtech Corporation SC415_08 Datasheet HTML 19Page - Semtech Corporation SC415_08 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SC415
16
During the DH on-time, voltage across the inductor is
(VIN - VOUT). To determine the inductance, the ripple
current must be defined.
Smaller ripple current will
give smaller output ripple voltage but will require larger
inductors. The ripple current will also set the boundary
for PSAVE operation. The switcher will typically enter
PSAVE operation when the load current decreases to ½ of
the ripple current; (i.e. if ripple current is 4A then PSAVE
operation will typically start for loads less than 2A. If ripple
current is set at 40% of maximum load current, then PSAVE
will occur for loads less than 20% of maximum).
The equation for inductance is:
L = (VIN - VOUT) × TON / I
RIPPLE
Use the maximum value for VIN, and for TON use the value
associated with maximum VIN, and that side’s TON using
the RTON value selected. For selecting the inductor, we
start with the highest VOUT setting and a maximum ripple
current of 4A.
TON1 = 343 nsec at 20VIN, 1.8VOUT
L = (20 - 1.8) × 343 nsec / 4A = 1.56μH
We will use 1.5μH which will slightly increase the maximum
IRIPPLE to 4.2A.
Note: the inductor must be rated for the maximum DC
load current plus ½ of the ripple current.
The minimum ripple current is also calculated. This occurs
when VIN is at the minimum value of 10V.
TON
VINMIN
= 3.3 × (RTON+37) × (VOUT/VIN) + 35
TON
VINMIN
= 651nsec
I
RIPPLE
= (VIN - VOUT) × TON / L
I
RIPPLE_VINMIN
= (10 – 1.8) × 651 nsec / 1.5μH
= 3.55A
Applications Information (continued)
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The ESR requirement is driven by the
output ripple requirement and the DC tolerance. The
output voltage has a DC value that is equal to the valley
of the output ripple, plus ½ of the peak-to-peak ripple.
Changing the ripple voltage will lead to a change in DC
output voltage.
The design goal is +/-4% output regulation. The internal
750mV reference tolerance is 1%, and assuming 1%
tolerance for the FB resistor divider, this allows 2%
tolerance due to VOUT ripple. Since this 2% error comes
from ½ of the ripple voltage, the allowable ripple is 4%, or
72mV for a 1.8V output. Although this is acceptable from
a regulation standpoint, 72mV ripple is high for a 1.8V
output and therefore more realistic ripple value of 36mV
will be used (2% of VOUT).
The maximum ripple current of 4.2A creates a ripple
voltage across the ESR. The maximum ESR value allowed
would create 36mV ripple:
ESRMAX = V
RIPPLE
/I
RIPPLEMAX
= 36mV / 4.2A
ESRMAX = 8.6 mΩ
While the ESR is chosen to meet ripple requirements,
the output capacitance (μF) is typically chosen based on
transient requirements. A worst-case load release, from
maximum load to no load at the exact moment when
inductor current is at the peak, defines the required
capacitance. If the load release is instantaneous (load
changes from maximum to zero in a very small time), the
output capacitor must absorb all the inductor’s stored
energy. This will cause a peak voltage on the capacitor
according to the equation:
C
OUTMIN
= L × (IOUT + 1/2 × I
RIPPLEMAX
)2
_______________________
(V
PEAK
2 - V
OUT
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com