Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC415_08 Datasheet HTML 22Page - Semtech Corporation SC415_08 Datasheet HTML 23Page - Semtech Corporation SC415_08 Datasheet HTML 24Page - Semtech Corporation SC415_08 Datasheet HTML 25Page - Semtech Corporation SC415_08 Datasheet HTML 26Page - Semtech Corporation SC415_08 Datasheet HTML 27Page - Semtech Corporation SC415_08 Datasheet HTML 28Page - Semtech Corporation SC415_08 Datasheet HTML 29Page - Semtech Corporation SC415_08 Datasheet HTML 30Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
SC415
27
Typical Characteristics (continued)
Shutdown VOUT1, 1.8V No Load
Shutdown VOUT2, 1.5V No Load
Shutdown VOUT1, 1.8V 2A Load
Shutdown VOUT2, 1.5V 2A Load
Startup VOUT1 1.8V
Startup VOUT2 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com