Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 2Page - Semtech Corporation SC417 Datasheet HTML 3Page - Semtech Corporation SC417 Datasheet HTML 4Page - Semtech Corporation SC417 Datasheet HTML 5Page - Semtech Corporation SC417 Datasheet HTML 6Page - Semtech Corporation SC417 Datasheet HTML 7Page - Semtech Corporation SC417 Datasheet HTML 8Page - Semtech Corporation SC417 Datasheet HTML 9Page - Semtech Corporation SC417 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SC417/SC427
6
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Fault Protection
Valley Current Limit
R
ILIM
= 5.9k Ω
6
8
10
A
I
LIM
Source Current
10
μA
I
LIM
Comparator Offset
With respect to AGND
-10
0
+10
mV
Output Under-Voltage Fault
V
FB
with respect to internal 500mV reference,
8 consecutive clocks
-25
%
Smart Power-save Protection Threshold (2)
V
FB
with respect to internal 500mV reference
+10
%
Over-Voltage Protection Threshold
V
FB
with respect to internal 500mV reference
+20
%
Over-Voltage Fault Delay(2)
5μs
Over-Temperature Shutdown(2)
10°C hysteresis
150
°C
Logic Inputs/Outputs
Logic Input High Voltage
ENL
2.0
V
Logic Input Low Voltage
ENL
0.4
V
EN/PSV Input for PSAVE Operation (2)
V5V = 5V
2.2
5
V
EN/PSV Input for Forced Continuous Operation (2)
12
V
EN/PSV Input for Disabling Switcher (2)
0
0.8
V
EN/PSV Input Bias Current
EN/PSV= V5V or AGND
-10
+10
μA
ENL Input Bias Current
V
IN
= 28V
11
18
μA
FBL, FB Input Bias Current
FBL, FB = V5V or AGND
-1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com