Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 4Page - Semtech Corporation SC417 Datasheet HTML 5Page - Semtech Corporation SC417 Datasheet HTML 6Page - Semtech Corporation SC417 Datasheet HTML 7Page - Semtech Corporation SC417 Datasheet HTML 8Page - Semtech Corporation SC417 Datasheet HTML 9Page - Semtech Corporation SC417 Datasheet HTML 10Page - Semtech Corporation SC417 Datasheet HTML 11Page - Semtech Corporation SC417 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SC417/SC427
8
Typical Characteristics
Efficiency vs. Load — Forced Continuous Mode
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
IOUT (A)
85%
Characteristics in this section are based on using the Typical Application Circuit on page 2 (SC417/SC427).
Efficiency vs. Load — Powersave Mode (SC417)
50
60
70
80
90
100
0.10
1.00
10.00
IOUT (A)
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
85%
V
OUT vs. Load — Forced Continuous Mode
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
1.000
1.025
1.050
1.075
1.100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
IOUT (A)
+1%
-1%
Efficiency vs. Load — Powersave Mode (SC417)
IOUT (A)
Externally biased at VIN = 12V, V5V = 5V, VOUT = 1.050V
85%
50
60
70
80
90
100
0.10
1.00
10.00
Efficiency vs. Load — Powersave Mode (SC427)
Efficiency vs. Load — Powersave Mode (SC427)
50
60
70
80
90
100
0.1
1.0
10.0
Externally biased at VIN = 12V, V5V = 5V, VOUT = 1.050V
85%
IOUT (A)
50
60
70
80
90
100
0.1
1.0
10.0
85%
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com