Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC418EVB
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC418EVB Datasheet HTML 9Page - Semtech Corporation SC418EVB Datasheet HTML 10Page - Semtech Corporation SC418EVB Datasheet HTML 11Page - Semtech Corporation SC418EVB Datasheet HTML 12Page - Semtech Corporation SC418EVB Datasheet HTML 13Page - Semtech Corporation SC418EVB Datasheet HTML 14Page - Semtech Corporation SC418EVB Datasheet HTML 15Page - Semtech Corporation SC418EVB Datasheet HTML 16Page - Semtech Corporation SC418EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SC418
13
Synchronous Buck Converter
The SC418 is a step down synchronous DC-DC buck con-
troller with a programmable LDO. It provides high effi-
ciency operation in a space saving 3x3 (mm) 20-pin
package. The programmable operating frequency range
of 200kHz to 1MHz enables optimizing the configuration
for PCB area and efficiency.
The controller uses a pseudo-fixed frequency adaptive
on-time control. This allows fast transient response which
permits the use of smaller output capacitors.
In addition to the following information, the user can
click on the applicable link to go to the SC418 online
C-SIM design and simulation tool, which will lead the
user through the design process.
Input Voltage Requirements
The SC418 requires three input supplies for normal opera-
tion: V
IN, VDDA, and VDDP. VIN operates over the wide
range of 3V to 28V. VDDA and VDDP require a 3.3V or 5V
supply which can be from an external source or from the
internal LDO configured to 3.3V or 5V. VDDA and VDDP
should derive from the same source voltage. Power-save
operation and Ultrasonic Power-save are not supported
for VDDA/VDDP below 4.5V.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC418 is pseudo-
fixed frequency, adaptive on-time, as shown in Figure 1.
The ripple voltage generated at the output capacitor ESR
is used as a PWM ramp signal. This ripple is used to trigger
the on-time of the controller.
Q1
Q2
L
COUT
ESR
+
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TON
FB
VIN
Figure 1 — PWM Control Method, V
OUT Ripple
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the output
ripple, the device sends a single on-time pulse to the high-
side MOSFET. The pulse period is determined by V
OUT and
V
IN. The period is proportional to output voltage and
inversely proportional to input voltage. With this adaptive
on-time configuration, the device automatically antici-
pates the on-time needed to regulate V
OUT for the present
V
IN condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency compared to
other variable frequency methods.
Reduced component count by eliminating the
error amplifier and compensation components.
Reduced component count by removing the
need to sense and control inductor current.
Fast transient response — the response time is
controlled by a fast comparator instead of a typi-
cally slow error amplifier.
Reduced output capacitance due to fast tran-
sient response.
One-Shot Timer and Operating Frequency
One-shot timer operation is shown in Figure 2. The FB
comparator output goes high when V
FB is less than the
internal 500mV reference. This feeds into the DH gate
drive and turns on the high-side MOSFET, and also starts
the one-shot timer. The one-shot timer uses an internal
•
•
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com