Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC418EVB
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC418EVB Datasheet HTML 17Page - Semtech Corporation SC418EVB Datasheet HTML 18Page - Semtech Corporation SC418EVB Datasheet HTML 19Page - Semtech Corporation SC418EVB Datasheet HTML 20Page - Semtech Corporation SC418EVB Datasheet HTML 21Page - Semtech Corporation SC418EVB Datasheet HTML 22Page - Semtech Corporation SC418EVB Datasheet HTML 23Page - Semtech Corporation SC418EVB Datasheet HTML 24Page - Semtech Corporation SC418EVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SC418
21
Applications Information (continued)
It is not recommended to use the switch-over feature for
an output voltage of 3.3V or less since this does not
provide sufficient voltage for the gate-source drive to the
internal p-channel switch-over MOSFET.
It is not recommended to use the switch-over feature in
cases where the device is powered from 3.3V which is ini-
tially derived from the LDO. If the switch-over was used,
then the 3.3V switcher output would pass through the
switch-over MOSFET to power the VDDA/VDDP pins. The
RDS
(ON) of the switch-over device, typically 2.2 ohms at
3.3V, will cause a voltage drop across the device. The
VDDA/VDDP pins would be typically 200mV or more
below the 3.3V rail, due to the IR drop caused by the
VDDA/VDDP current. If this voltage drop becomes large
enough, the VDDA voltage will drop near the VDDA UVLO
threshold, causing the device to shutdown.
Switch-over MOSFET Parasitic Diodes
The switch-over MOSFET contains parasitic diodes that
are inherent to its construction, as shown in Figure 13.
Switchover
MOSFET
Parasitic diode
Parasitic diode
VDDA
VLDO
VOUT
Switchover
control
Figure 13— Switch-over MOSFET Parasitic Diodes
It is important to prevent forward bias of these diodes.
The following two conditions must be satisfied in order for
the parasitic diodes to stay off.
VDDA > V
LDO
VDDA > V
OUT
If either V
LDO or VOUT is higher than VDDA, then the respec-
tive diode will turn on and the SC418 operating current
will then flow through this diode. This has the potential of
damaging the device.
Note that if the VDDA supply is 3.3V then both the LDO
and switching regulator outputs are limited to 3.3V
maximum. Trying to obtain higher voltages such as 5V
•
•
will forward-bias one of the parasitic diodes and could
damage the device.
Using the Internal LDO to Bias the SC418
The following steps must be followed when using the
internal LDO to bias the device.
Connect VDDA and VDDP to VLDO before
enabling the LDO.
Any external load on VLDO should not exceed
40mA until the LDO voltage has reached 90% of
final value.
When the switch-over feature is used and the VDDA/VDDP
power comes from V
OUT, the EN and ENL inputs must be
used carefully. Do not connect the EN pin directly to VDDA
or another supply voltage. If this is done, driving the ENL
pin low (to AGND) will turn off the LDO and the LDO
switch-over MOSFET, but the switcher will continue oper-
ating. V
OUT will feed into the LDO output and the VDDA/
VDDP supplies through the internal parasitic diode. This
can potentially damage the device, and also prevents the
switcher from shutting off until the VDDA supply drops
below the VDDA UVLO threshold. For these applications a
dedicated logic signal is required to drive EN low and
disable the switcher. This signal can be combined with
the ENL signal if needed.
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX) is the highest speci-
fied input voltage. The minimum input voltage ( V
INMIN) is
determined by the lowest input voltage after evaluating
the voltage drops due to connectors, fuses, switches, and
PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT)
There are two values of load current to evaluate — con-
tinuous load current and peak load current. Continuous
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com