Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189LEVB-3 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC189LEVB-3
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189LEVB-3 Datasheet(HTML) 1 Page - Semtech Corporation

  SC189LEVB-3 Datasheet HTML 1Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 2Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 3Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 4Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 5Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 6Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 7Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 8Page - Semtech Corporation SC189LEVB-3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 01, 2009
POWER MANAGEMENT
2.5MHz, 1.5A Synchronous
Step Down Regulator
SC189
www.semtech.com
1
Typical Application Circuit
GND
EN
CIN
10µF
VIN
2.9V to 5.5V
VOUT
1.20V/1.5A
COUT
22µF
L
1µH
LX
VOUT
SC189C
VIN
Features
V
IN Range: 2.9 – 5.5V
V
OUT Options: 1.0 - 3.3V
Up to 1.5A Output Current
Ultra-Small Footprint, <1mm Height Solution
2.5MHz Switching Frequency
Efficiency Up to 93%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
100% Duty-Cycle Low Dropout Operation
<1µA Shutdown Current
Internal Soft Start
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Adjustable Output Voltage
Available in SOT23-5 package and 2mm x 2mm x
0.6mm thermally enhanced MLPD-UT6 package
-40 to +85°C Temperature Range
Fully WEEE and RoHS Compliant
Applications
Bluetooth Radios
DSC and PMPs
GPS Devices
xDSL Systems
POL Regulators
Portable HDD
Wireless LAN
Description
The SC189 is a high efficiency, synchronous step-down
regulator providing up to 1.5A output current in either
an ultra-small 2mm x 2mm, low profile package or a low
cost SOT23-5 package. The device requires only three
external filter components for a complete step down
regulator solution. The input voltage range is 2.9 to 5.5V
with either factory programmed outputs from 1.0 to 3.3V
or adjustable output via an external resistor divider.
The converter operates at fixed 2.5MHz switching
frequency allowing small L/C filtering components.
The voltage mode architecture is compatible with chip
inductors and capacitors for minimum PCB footprint and
lowest overall system cost. Total footprint of 25mm2 can
be achieved - making the SC189 the ideal solution for
high density systems. Solution height of <1mm is also
possible.
Up to 93% efficiency is achieved with low R
DS(ON) internal
switches. PWM constant frequency operation ensures
low output ripple across the load range. 100% duty-cycle
provides 360mV dropout voltage at 1.5A which extends
the minimum input voltage for 2.5V and 3.3V outputs.
Excellent transient response is achieved with no external
compensation components.
The SC189 provides input under-voltage, output over-
voltage, output short circuit and over-temperature
protection to safeguard the device and system under fault
conditions. The regulator provides integrated soft-start to
minimize inrush currents. Standby quiescient current is
less than 1µA.
The SC189 is available in SOT23-5 and a thermally
enhanced 2mm x 2mm x 0.6mm MLPD-UT6 package
rated from -40 to +85°C.
SC189
L
Chip
CIN
0603
COUT
0805
Total PCB Area ~25mm2
Actual Size


Similar Part No. - SC189LEVB-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC1894 MAXIM-SC1894 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC1894-EVK1500 MAXIM-SC1894-EVK1500 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC1894-EVK1900 MAXIM-SC1894-EVK1900 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC1894-EVK200 MAXIM-SC1894-EVK200 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC1894-EVK2400 MAXIM-SC1894-EVK2400 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
More results

Similar Description - SC189LEVB-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com