Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43255 Datasheet(PDF) 2 Page - EPCOS

Part # B43255
Description  Alu-X product lines Snap-in capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43255 Datasheet(HTML) 2 Page - EPCOS

  B43255 Datasheet HTML 1Page - EPCOS B43255 Datasheet HTML 2Page - EPCOS B43255 Datasheet HTML 3Page - EPCOS B43255 Datasheet HTML 4Page - EPCOS B43255 Datasheet HTML 5Page - EPCOS B43255 Datasheet HTML 6Page - EPCOS B43255 Datasheet HTML 7Page - EPCOS B43255 Datasheet HTML 8Page - EPCOS B43255 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Snap-in capacitors
B43255
Long life – 105
°C
2
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Long life grade capacitors
Applications
■
Frequency converters
■
Professional power supplies in industrial electronics
Features
■
High reliability
■
High CV product
■
RoHS-compatible
■
Long load life of 5000 h at 105
°C
Construction
■
Aluminum case, fully insulated
■
Snap-in solder pins to hold component in place on PC-board
■
Minus pole marking on the insulating sleeve
■
Case with safety vent
Specifications and characteristics in brief
Rated voltage VR
200 … 450 V DC
Operating temperature
range
VR ≤ 400 V DC: –40 °C … +105 °C
VR ≥ 450 V DC: –25 °C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
47 … 1500
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR, IAC,R)
5000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 minutes)
Dissipation factor (max.)
(20
°C, 120 Hz)
VR (V DC)
200 ... 400
450
tan
δ
0.15
0.20
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
200 ... 400
450
48
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the require-
ment of load life test after reforming process. After test: VR to be applied
for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz
1 kHz
10 kHz
20 kHz
0.90
1.00
1.20
1.50
1.55
Temperature multiplier
for rated ripple current
+40
°C
+55
°C+70 °C
+85
°C
+105
°C
2.7
2.5
2.1
1.7
1.0
Ileak 0.02 µA
CR
µF
-------
VR
V
-------
⋅
⎝⎠
⎛⎞
⋅
≤
Z 25 °C
–
()
Z +20 °C
()
---------------------------
Snap-in capacitors
B43255
Long life – 105
°C
AEC-C_B43255.book Seite 2 Mittwoch, 16. April 2008 1:56 13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com