Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43255 Datasheet(PDF) 4 Page - EPCOS

Part # B43255
Description  Alu-X product lines Snap-in capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43255 Datasheet(HTML) 4 Page - EPCOS

  B43255 Datasheet HTML 1Page - EPCOS B43255 Datasheet HTML 2Page - EPCOS B43255 Datasheet HTML 3Page - EPCOS B43255 Datasheet HTML 4Page - EPCOS B43255 Datasheet HTML 5Page - EPCOS B43255 Datasheet HTML 6Page - EPCOS B43255 Datasheet HTML 7Page - EPCOS B43255 Datasheet HTML 8Page - EPCOS B43255 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Snap-in capacitors
B43255
Long life – 105
°C
4
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types
VR
(V DC)
200
250
315
350
400
450
Case dimensions d
× l (mm)
CR (µF)
47
22
× 30
56
22
× 25
25.4
× 25
68
25.4
× 25
25.4
× 30
82
22
× 25
22
× 25
25.4
× 25
30
× 30
100
22
× 30
25.4
× 25
25.4
× 30
30
× 30
120
25.4
× 25
25.4
× 30
30
× 25
30
× 30
150
22
× 25
30
× 25
25.4
× 30
30
× 30
35
× 30
180
22
× 30
30
× 25
25.4
× 35
35
× 30
35
× 35
220
22
× 25
25.4
× 30
30
× 30
30
× 35
35
× 30
35
× 40
270
25.4
× 25
25.4
× 35
35
× 30
30
× 40
35
× 35
35
× 45
330
25.4
× 30
30
× 30
35
× 30
35
× 35
35
× 40
35
× 50
390
25.4
× 35
30
× 35
35
× 35
35
× 40
35
× 45
470
25.4
× 40
35
× 30
35
× 40
35
× 45
35
× 50
560
30
× 35
35
× 35
35
× 45
35
× 50
680
30
× 40
35
× 40
35
× 50
820
35
× 35
35
× 45
1000
35
× 35
35
× 50
1200
35
× 40
1500
35
× 50
1800
2200
2700
AEC-C_B43255.book Seite 4 Mittwoch, 16. April 2008 1:56 13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com