Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2000DL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # GTL2000DL
Description  22-bit bi-directional low voltage translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2000DL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button GTL2000DL Datasheet HTML 2Page - NXP Semiconductors GTL2000DL Datasheet HTML 3Page - NXP Semiconductors GTL2000DL Datasheet HTML 4Page - NXP Semiconductors GTL2000DL Datasheet HTML 5Page - NXP Semiconductors GTL2000DL Datasheet HTML 6Page - NXP Semiconductors GTL2000DL Datasheet HTML 7Page - NXP Semiconductors GTL2000DL Datasheet HTML 8Page - NXP Semiconductors GTL2000DL Datasheet HTML 9Page - NXP Semiconductors GTL2000DL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product data
GTL2000
22-bit bi-directional low voltage translator
2003 Apr 01
6
Sizing pull-up resistor
The pull-up resistor value needs to limit the current through the pass transistor when it is in the “on” state to about 15 mA. This will guarantee a
pass voltage of 260 to 350 mV. If the current through the pass transistor is higher than 15 mA, the pass voltage will also be higher in the “on”
state. To set the current through each pass transistor at 15 mA, the pull-up resistor value is calculated as follows:
Resistor value (
W) +
Pull-u p voltage (V)
*0.35 V
0.015 A
The table below summarizes resistor values for various reference voltages and currents at 15 mA and also at 10 mA and 3 mA. The resistor
value shown in the +10% column or a larger value should be used to ensure that the pass voltage of the transistor would be 350 mV or less.
The external driver must be able to sink the total current from the resistors on both sides of the GTL-TVC device at 0.175 V, although the 15 mA
only applies to current flowing through the GTL-TVC device. See Application Note AN10145-01 Bi-Directional Voltage Translators for more
information.
PULL UP RESISTOR VALUES
PULL UP RESISTOR VALUE (OHMS)
15 mA
10 mA
3 mA
VOLTAGE
NOMINAL
+ 10 %
NOMINAL
+ 10 %
NOMINAL
+ 10 %
5.0 V
310
341
465
512
1550
1705
3.3 V
197
217
295
325
983
1082
2.5 V
143
158
215
237
717
788
1.8 V
97
106
145
160
483
532
1.5 V
77
85
115
127
383
422
1.2 V
57
63
85
94
283
312
NOTES:
1. Calculated for VOL = 0.35 V
2. Assumes output driver VOL = 0.175 V at stated current
3. +10% to compensate for VDD range and resistor tolerance.
ABSOLUTE MAXIMUM RATINGS1, 2, 3
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VSREF
DC source reference voltage
-0.5 to +7.0
V
VDREF
DC drain reference voltage
-0.5 to +7.0
V
VGREF
DC gate reference voltage
-0.5 to +7.0
V
VSn
DC voltage Port Sn
-0.5 to +7.0
V
VDn
DC voltage Port Dn
-0.5 to +7.0
V
IREFK
DC diode current on reference pins
VI < 0
-50
mA
ISK
DC diode current Port Sn
VI < 0
-50
mA
IDK
DC diode current Port Dn
VI < 0
-50
mA
IMAX
DC clamp current per channel
Channel in ON-state
±128
mA
Tstg
Storage temperature range
-65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com