Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2000DL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2000DL
Description  22-bit bi-directional low voltage translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2000DL Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2000DL Datasheet HTML 1Page - NXP Semiconductors GTL2000DL Datasheet HTML 2Page - NXP Semiconductors GTL2000DL Datasheet HTML 3Page - NXP Semiconductors GTL2000DL Datasheet HTML 4Page - NXP Semiconductors GTL2000DL Datasheet HTML 5Page - NXP Semiconductors GTL2000DL Datasheet HTML 6Page - NXP Semiconductors GTL2000DL Datasheet HTML 7Page - NXP Semiconductors GTL2000DL Datasheet HTML 8Page - NXP Semiconductors GTL2000DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product data
GTL2000
22-bit bi-directional low voltage translator
2003 Apr 01
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
SREF
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
S17
S18
S19
S20
S21
S22
GREF
DREF
GND
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
SA00521
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1
GND
Ground (0 V)
2
SREF
Source of reference transistor
3 - 24
Sn
Port S1 to Port S22
25 - 46
Dn
Port D1 to Port D22
47
DREF
Drain of reference transistor
48
GREF
Gate of reference transistor
FUNCTION TABLE
HIGH to LOW translation assuming Dn is at the higher voltage level
GREF
DREF
SREF
In-Dn
Out-Sn
Transistor
H
H
0 V
X
X
Off
H
H
VTT
H
VTT1
On
H
H
VTT
L
L2
On
L
L
0 - VTT
X
X
Off
H = High voltage level
L
= Low voltage level
X = Don’t Care
NOTES:
1. Sn is not pulled up or pulled down.
2. Sn follows the Dn input low.
3. GREF should be at least 1.5 V higher than SREF for best
translator operation.
4. VTT is equal to the SREF voltage.
FUNCTION TABLE
LOW to HIGH translation assuming Dn is at the higher voltage level
GREF
DREF
SREF
In-Sn
Out-Dn
Transistor
H
H
0 V
X
X
Off
H
H
VTT
VTT
H1
nearly off
H
H
VTT
L
L2
On
L
L
0 - VTT
X
X
Off
H = High voltage level
L
= Low voltage level
X = Don’t Care
NOTES:
1. Dn is pulled up to VCC through an external resistor.
2. Dn follows the Sn input low.
3. GREF should be at least 1.5 V higher than SREF for best
translator operation.
4. VTT is equal to the SREF voltage.
CLAMP SCHEMATIC
SA00522
SREF
S1
S22
DREF
D1
D22
GREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com