Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC2FP331EJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECEC2FP331EJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2FP331EJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECEC2FP331EJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE177 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
63
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
10000
25
50
4.97
0.30
ECEC1HP103CJ
200
30
40
4.97
0.30
ECEC1HP103DJ
100
35
30
4.97
0.30
ECEC1HP103EJ
200
12000
30
45
5.58
0.30
ECEC1HP123DJ
100
35
35
5.58
0.30
ECEC1HP123EJ
100
15000
30
50
6.44
0.30
ECEC1HP153DJ
100
35
40
6.44
0.30
ECEC1HP153EJ
100
18000
35
45
6.94
0.30
ECEC1HP183EJ
100
22000
35
50
7.57
0.30
ECEC1HP223EJ
100
2200
22
30
2.52
0.25
ECEC1JP222BJ
200
25
25
2.52
0.25
ECEC1JP222CJ
200
2700
22
35
3.73
0.25
ECEC1JP272BJ
200
25
30
3.73
0.25
ECEC1JP272CJ
200
3300
22
40
4.10
0.25
ECEC1JP332BJ
200
25
30
4.10
0.25
ECEC1JP332CJ
200
30
25
4.10
0.25
ECEC1JP332DJ
200
3900
22
45
4.44
0.25
ECEC1JP392BJ
200
25
35
4.44
0.25
ECEC1JP392CJ
200
30
30
4.44
0.25
ECEC1JP392DJ
200
4700
22
50
4.86
0.25
ECEC1JP472BJ
200
25
40
4.86
0.25
ECEC1JP472CJ
200
30
30
4.86
0.25
ECEC1JP472DJ
200
35
25
4.86
0.25
ECEC1JP472EJ
200
5600
25
45
5.36
0.25
ECEC1JP562CJ
200
30
35
5.36
0.25
ECEC1JP562DJ
100
35
30
5.36
0.25
ECEC1JP562EJ
200
6800
25
50
5.84
0.25
ECEC1JP682CJ
200
30
40
5.84
0.25
ECEC1JP682DJ
100
35
30
5.84
0.25
ECEC1JP682EJ
200
8200
30
45
6.00
0.25
ECEC1JP822DJ
100
35
35
6.00
0.25
ECEC1JP822EJ
100
10000
35
40
6.52
0.25
ECEC1JP103EJ
100
12000
35
50
7.15
0.25
ECEC1JP123EJ
100
1500
22
30
2.26
0.20
ECEC1KP152BJ
200
25
25
2.26
0.20
ECEC1KP152CJ
200
1800
22
35
2.52
0.20
ECEC1KP182BJ
200
25
30
2.52
0.20
ECEC1KP182CJ
200
80
2200
22
40
2.73
0.20
ECEC1KP222BJ
200
25
30
2.73
0.20
ECEC1KP222CJ
200
30
25
2.73
0.20
ECEC1KP222DJ
200
2700
22
45
2.78
0.20
ECEC1KP272BJ
200
25
35
2.78
0.20
ECEC1KP272CJ
200
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
50
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com