Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC2FP331EJ Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ECEC2FP331EJ
Description  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2FP331EJ Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECEC2FP331EJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 12Page - Panasonic Semiconductor ECEC2FP331EJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP(L:20mm)
 EE186 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
400
450
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
n
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products(L:20mm)
100
30
20
0.47
0.15
ECEC2GP101DJ
200
150
35
20
0.60
0.15
ECEC2GP151EJ
200
33
22
20
0.20
0.15
ECEC2WP330BJ
200
47
25
20
0.29
0.15
ECEC2WP470CJ
200
68
30
20
0.38
0.15
ECEC2WP680DJ
200
100
35
20
0.52
0.15
ECEC2WP101EJ
200
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com