Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2318 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2318
Description  LINEAR BROADBAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2318 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2318 Datasheet HTML 1Page - RF Micro Devices RF2318 Datasheet HTML 2Page - RF Micro Devices RF2318 Datasheet HTML 3Page - RF Micro Devices RF2318 Datasheet HTML 4Page - RF Micro Devices RF2318 Datasheet HTML 5Page - RF Micro Devices RF2318 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
3-22
RF2318
Rev A2 010228
3
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current
70
mA
Input RF Power
+13
dBm
Output Load VSWR
20:1
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (50
Ω)
T = 27°C, VCC=9V, Icc=60mA, RC=30Ω
Frequency Range
DC to 5000
MHz
1dB Bandwidth
Gain
8
8
9
dB
From 10MHz to 1000MHz
8
9
10
dB
From 1000MHz to 2000MHz
10
11
12
dB
From 2000MHz to 5000MHz
Noise Figure
6
dB
From 50MHz to 300MHz, -30°C to +70°C
6
dB
From 300MHz to 1000MHz, -30°C to +70°C
Input VSWR
1.6:1
1.9:1
From 10MHz to 1800MHz
1.4:1
From 1800MHz to 5000MHz
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain these VSWRs at the intended oper-
ating frequency range.
Output VSWR
2.0:1
3.0:1
From 10MHz to 1800MHz
1.9:1
From 1800MHz to 4000MHz
3.0:1
From 4000MHz to 5000MHz
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain these VSWRs at the intended oper-
ating frequency range.
Output IP2
+50
dBm
Tones at 500MHz and 900MHz
Output IP3
+30
dBm
At 100MHz
+33
+35
dBm
At 500MHz
+30
+33
dBm
At 900MHz
Output P1dB
TBD
dBm
At 100MHz
TBD
dBm
At 500MHz
TBD
dBm
At 900MHz
Saturated Output Power
TBD
dBm
At 100MHz
Saturated Output Power
18
dBm
At 500MHz
Saturated Output Power
TBD
dBm
At 900MHz
Reverse Isolation
15
dB
From 30MHz to 4000MHz
20
dB
From 4000MHz to 5000MHz
Power Supply
Device Voltage (VD)7.0
V
On pin 8, ICC=63mA
6.5
V
On pin 8, ICC=49mA
Operating Current Range
63
65
mA
VD=7.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com