Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2318 Datasheet (PDF) - RF Micro Devices

RF2318 Datasheet PDF - RF Micro Devices
Part # RF2318
Download  RF2318 Download
File Size   110.65 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR BROADBAND AMPLIFIER

RF2318 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2318 Datasheet PDF - RF Micro Devices

Part # RF2318
Download  RF2318 Click to download

File Size   110.65 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR BROADBAND AMPLIFIER

RF2318 Datasheet (HTML) - RF Micro Devices


RF2318 Product details

Product Description
The RF2318 is a broadband general purpose, low cost high linearity RF amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as an easily cascadable 75Ω gain block. The gain flatness of better than 1.0dB from 5MHz to 1000MHz, and the high linearity, make this part ideal for cable TV applications.

Features
• DC to over 5000MHz Operation
• Internally Matched Input and Output
• 8dB Small Signal Gain
• 6dB Noise Figure
• +18dBm Output Power
• Single 9V to 12V Positive Power Supply

Typical Applications
• CATV Amplifiers
• Cable Modems
• Broadband Gain Blocks
• Return Channel Amplifier
• Base Stations




Similar Part No. - RF2318

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2310 RFMD-RF2310 Datasheet
189Kb / 10P
WIDEBAND GENERAL PURPOSE AMPLIFIER
RF2310PCBA RFMD-RF2310PCBA Datasheet
189Kb / 10P
WIDEBAND GENERAL PURPOSE AMPLIFIER
RF2311 RFMD-RF2311 Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2311PCBA RFMD-RF2311PCBA Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF2318

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
B3-28 ETC1-B3-28 Datasheet
114Kb / 2P
Specifically Designed for VHF Broadband Linear Power Amplifier
logo
BOWEI Integrated Circui...
HE321D BOWEI-HE321D Datasheet
114Kb / 1P
Broadband Amplifier
HE361B BOWEI-HE361B Datasheet
111Kb / 1P
Broadband Amplifier
HE364B BOWEI-HE364B Datasheet
119Kb / 1P
Broadband Amplifier
HE382B BOWEI-HE382B Datasheet
109Kb / 1P
Broadband Amplifier
HE575A BOWEI-HE575A Datasheet
62Kb / 1P
Broadband Amplifier
HE861 BOWEI-HE861 Datasheet
106Kb / 1P
Broadband Amplifier
HE871 BOWEI-HE871 Datasheet
105Kb / 1P
Broadband Amplifier
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com