Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2310 Datasheet (PDF) - RF Micro Devices

RF2310 Datasheet PDF - RF Micro Devices
Part # RF2310
Download  RF2310 Download
File Size   189.79 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WIDEBAND GENERAL PURPOSE AMPLIFIER

RF2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2310 Datasheet PDF - RF Micro Devices

Part # RF2310
Download  RF2310 Click to download

File Size   189.79 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description WIDEBAND GENERAL PURPOSE AMPLIFIER

RF2310 Datasheet (HTML) - RF Micro Devices


RF2310 Product details

Product Description
The RF2310 is a general purpose, low-cost, high linearity RF amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as an easily cascadable 50Ω gain block. Applications include IF and RF amplification in wireless voice and data communication products operating in frequency bands up to 2500MHz. The gain flatness over a very wide bandwidth makes the device suitable for many applications.

Features
• DC to well over 2500MHz Operation
• Internally Matched Input and Output
• 15dB Small Signal Gain
• 5dB Noise Figure
• +19dBm Output Power
• Single 3.5V to 6V Positive Power Supply

Typical Applications
• General Purpose High Bandwidth Gain Blocks
• IF or RF Buffer Amplifiers
• Broadband Test Equipment
• Final PA for Medium Power Applications
• Driver Stage for Power Amplifiers




Similar Part No. - RF2310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2311 RFMD-RF2311 Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2311PCBA RFMD-RF2311PCBA Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
311Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF2310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com