Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2310 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2310
Description  WIDEBAND GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2310 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2310 Datasheet HTML 1Page - RF Micro Devices RF2310 Datasheet HTML 2Page - RF Micro Devices RF2310 Datasheet HTML 3Page - RF Micro Devices RF2310 Datasheet HTML 4Page - RF Micro Devices RF2310 Datasheet HTML 5Page - RF Micro Devices RF2310 Datasheet HTML 6Page - RF Micro Devices RF2310 Datasheet HTML 7Page - RF Micro Devices RF2310 Datasheet HTML 8Page - RF Micro Devices RF2310 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
4-75
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
VCC
GND
GND
RF IN
RF OUT
GND
GND
GND
RF2310
WIDEBAND GENERAL PURPOSE AMPLIFIER
• General Purpose High Bandwidth Gain
Blocks
• IF or RF Buffer Amplifiers
• Broadband Test Equipment
• Final PA for Medium Power Applications
• Driver Stage for Power Amplifiers
The RF2310 is a general purpose, low-cost, high linearity
RF amplifier IC. The device is manufactured on an
advanced Gallium Arsenide Heterojunction Bipolar Tran-
sistor (HBT) process, and has been designed for use as
an easily cascadable 50
Ω gain block. Applications
include IF and RF amplification in wireless voice and data
communication products operating in frequency bands up
to 2500 MHz. The gain flatness over a very wide band-
width makes the device suitable for many applications.
The device is self-contained with 50
Ω input and output
impedances and requires only two external DC biasing
elements to operate as specified.
• DC to well over 2500MHz Operation
• Internally Matched Input and Output
• 15dB Small Signal Gain
• 5dB Noise Figure
• +19dBm Output Power
• Single 3.5V to 6V Positive Power Supply
RF2310
Wideband General Purpose Amplifier
RF2310 PCBA
Fully Assembled Evaluation Board
4
Rev C5 010717
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
Dimensions in mm
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8


Similar Part No. - RF2310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2311 RFMD-RF2311 Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2311PCBA RFMD-RF2311PCBA Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
311Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com