Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2310 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2310
Description  WIDEBAND GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2310 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2310 Datasheet HTML 1Page - RF Micro Devices RF2310 Datasheet HTML 2Page - RF Micro Devices RF2310 Datasheet HTML 3Page - RF Micro Devices RF2310 Datasheet HTML 4Page - RF Micro Devices RF2310 Datasheet HTML 5Page - RF Micro Devices RF2310 Datasheet HTML 6Page - RF Micro Devices RF2310 Datasheet HTML 7Page - RF Micro Devices RF2310 Datasheet HTML 8Page - RF Micro Devices RF2310 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-76
RF2310
Rev C5 010717
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Input RF Power
+10
dBm
Storage Temperature
-40 to +150
°C
Junction Temperature
175
°C
Thermal Resistance, Junction to
Case
179
°C/W
Notes: case reference: pins 5-7, conditions: no signal in and both RF ports
terminated in 50
Ω; average junction temperature measured at 85°C
ambient: 143°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Overall Frequency Range
100
2500
MHz
Supply Voltage
3.5
6.0
V
Operating Current (ICC)20
25
mA
VCC=3.6V, Temp=27°C
40
50
65
mA
VCC=5V, Temp=27°C
Operating Ambient Temperature
-40
+85
°C
3.6V Performance
Gain
16.2
dB
Freq= 300MHz, VCC=3.6V, Temp=27°C
Gain
15.3
dB
Freq= 900MHz, VCC=3.6V, Temp=27°C
Noise Figure
2.5
dB
Output IP3
+22.0
dBm
OP1dB
+10
dBm
Gain
15
dB
Freq= 1950MHz, VCC=3.6V, Temp=27°C
Noise Figure
2.7
dB
Output IP3
+23.0
dBm
OP1dB
+10
dBm
Gain
16
dB
Freq= 2450MHz, VCC=3.6V, Temp=27°C
Noise Figure
2.4
dB
Output IP3
+21.0
dBm
OP1dB
+10
dBm
5 V Performance
Gain
17
dB
Freq= 300MHz, VCC=5V, Temp=27°C
Gain
14.0
16.5
dB
Freq= 900MHz, VCC=5V, Temp=27°C
Noise Figure
3
dB
Output IP3
+28.0
+31.0
dBm
OP1dB
+17
dBm
Gain
15.6
dB
Freq= 1950MHz, VCC=5V, Temp=27°C
Noise Figure
3.5
dB
Output IP3
+33.0
dBm
OP1dB
+18
dBm
Gain
15
dB
Freq= 2450MHz, VCC=5V, Temp=27°C
Noise Figure
2.8
dB
Output IP3
+26.0
dBm
OP1dB
+17
dBm
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com