Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2310 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2310
Description  WIDEBAND GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2310 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2310 Datasheet HTML 1Page - RF Micro Devices RF2310 Datasheet HTML 2Page - RF Micro Devices RF2310 Datasheet HTML 3Page - RF Micro Devices RF2310 Datasheet HTML 4Page - RF Micro Devices RF2310 Datasheet HTML 5Page - RF Micro Devices RF2310 Datasheet HTML 6Page - RF Micro Devices RF2310 Datasheet HTML 7Page - RF Micro Devices RF2310 Datasheet HTML 8Page - RF Micro Devices RF2310 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-78
RF2310
Rev C5 010717
4
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
P1-3
V
CC
P1-1
V
CC
2310400A
C1
330 pF
50
Ωµstrip
IN
J1
SMA
C2
1nF
C3
1nF
C4
100 pF
50
Ωµstrip
J2
SMA
OUT
L1
200 nH
C5
330 pF
C6
1
µF
P1 H3M
1
2
3
P1-1
PC
GND
P1-3
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com