Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2310 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2310
Description  WIDEBAND GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2310 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2310 Datasheet HTML 1Page - RF Micro Devices RF2310 Datasheet HTML 2Page - RF Micro Devices RF2310 Datasheet HTML 3Page - RF Micro Devices RF2310 Datasheet HTML 4Page - RF Micro Devices RF2310 Datasheet HTML 5Page - RF Micro Devices RF2310 Datasheet HTML 6Page - RF Micro Devices RF2310 Datasheet HTML 7Page - RF Micro Devices RF2310 Datasheet HTML 8Page - RF Micro Devices RF2310 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-77
RF2310
Rev C5 010717
4
Application Schematic
Pin
Function
Description
Interface Schematic
1VCC
Power supply pin. An external bypass capacitor is recommended. The
total supply current is shared between this pin and pin 8 (through the
inductor).
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
To achieve the performance as specified, and to minimize instability, it
is recommended to have a local ground plane under the device, as
shown in the evaluation board layout.
3GND
Same as pin 2.
4RF IN
RF input pin. This pin is NOT internally DC-blocked. A DC-blocking
capacitor, suitable for the frequency of operation, should be used in
most applications. DC-coupling of the input is not allowed, because this
will override the internal feedback loop and cause temperature instabil-
ity.
5GND
Same as pin 2.
6GND
Same as pin 2.
7GND
Same as pin 2.
8RF OUT
RF output and bias pin. Biasing is accomplished with an external choke
inductor to VCC that provides high impedance at the operating fre-
quency. Because DC is present on this pin, a DC-blocking capacitor,
suitable for the frequency of operation, should be used in most applica-
tions. The supply side of the bias network should also be well
bypassed.
VCC
RF IN
Bias
RF OUT
1
2
3
4
8
7
6
5
RF IN
V
CC =5V
22 pF
22 pF
100 nH
RF OUT
22 pF
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com