Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC453_09 Datasheet HTML 9Page - Semtech Corporation SC453_09 Datasheet HTML 10Page - Semtech Corporation SC453_09 Datasheet HTML 11Page - Semtech Corporation SC453_09 Datasheet HTML 12Page - Semtech Corporation SC453_09 Datasheet HTML 13Page - Semtech Corporation SC453_09 Datasheet HTML 14Page - Semtech Corporation SC453_09 Datasheet HTML 15Page - Semtech Corporation SC453_09 Datasheet HTML 16Page - Semtech Corporation SC453_09 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
DAC Slew Control
The output of the DAC will slew at a rate defined by the
current in the SS pin and the capacitor applied externally
to the SS pin. The slew rate (charge current) applied de-
pends on which mode (soft-start, VID or sleep transition)
is in effect. A 1nF capacitor is recommended for the DAC
pin.
Blanking During VID Changes
On any VID change or Sleep change, the PG# and PG_
DEL signals are blanked for 62 switching cycles to prevent
glitching during the transition.
Sleep Function and SLPV/VID Sleep Mode
By default, the controller is in SLPV controlled sleep mode.
In this mode, the voltage applied to the SLPV pin appears
at the DAC output when SLP is asserted high. This mode
is selected by connecting the SLPV to a resistor divider
from the HYS pin,
VID sleep mode is selected by connecting the SLPV pin to
VCCA during startup. In this mode, the DAC output contin-
ues to be set by the VID inputs even when SLP is asserted
high.
During sleep mode, the hysteresis current used for PWM
switching and for current limit are reduced to 70% of their
nominal values.
CORE CONVERTER CONTROLLER
Core Comparator
This is an ultra-fast hysteretic comparator with a typical
propagation delay of 20ns for 20mV overdrive. Hysteresis
is generated by the current set at the HYS pin impressed
upon an external resistor connected to the CMP pin.
Current Limit Comparator
The Current Limit Comparator compares the voltage be-
tween the CL and CLREF pins. The CL pin monitors the
inductor current using the voltage drop across a resistor
connected in series with the inductor. The CLREF voltage
determines the upper limit for the Current Limit Compara-
tor. The upper limit is equal to the (3 x HYS) current multi-
plied by the resistance connected to the CLREF pin.
A current limit condition occurs when the CL voltage ex-
ceeds the CLREF voltage, at which point the high side
FETs are turned off. The high side FETs will not be en-
abled again until the inductor current drops below the
lower current limit threshold. The upper and lower current
limit thresholds are programmed by the voltage drop im-
pressed upon an external resistor connected to the CLRF
pin. The voltage drop is equal to the HYS current multi-
plied by the
Current Limit Latch
If the CORE voltage goes lower than 14% below the VID
(i.e., out of the power good window), then sustained cur-
rent limiting (32 current limit pulses) will cause the part
to permanently latch off. The latch is inhibited during soft-
start.
Core Converter Soft-Start Timer
This block controls the start-up ramp time of the CORE
voltage up to the boot voltage. The primary purpose is to
reduce the initial in-rush current on the core input voltage
(battery) rail.
Cycle-by-Cycle Power-Save
A zero crossing comparator detects when the currents
through the external sense resistor reduces to zero. When
the current in the external sense resistor reaches zero,
the bottom FET is latched off. The latch is reset when the
controller decides to switch on the top FET. This prevents
excessive switching at light loads and hence saves switch-
ing power losses.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com