Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC453 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC453_09 Datasheet HTML 17Page - Semtech Corporation SC453_09 Datasheet HTML 18Page - Semtech Corporation SC453_09 Datasheet HTML 19Page - Semtech Corporation SC453_09 Datasheet HTML 20Page - Semtech Corporation SC453_09 Datasheet HTML 21Page - Semtech Corporation SC453_09 Datasheet HTML 22Page - Semtech Corporation SC453_09 Datasheet HTML 23Page - Semtech Corporation SC453_09 Datasheet HTML 24Page - Semtech Corporation SC453_09 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Based on the above calculations, four capacitors are
needed to satisfy the input ripple voltage requirement.
Step 9 — OVP
No calculations are necessary for Over-Voltage Protection.
If V
CORE
is greater than +14% of the DAC (i.e., out of the
power good window), the SC453 will latch off and hold the
low-side driver on permanently (for each phase). Either
the power or EN must be recycled to clear the latch. The
latch is disabled during soft-start and VID/Deeper Sleep
transitions. The latch is enabled if V
CORE
exceeds 2V even
during VID/Deeper Sleep transitions to ensure that the
processor maximum is not exceeded. The table on Page
13 is a summary of fault conditions using SC453.
Step 10 — Soft-Start/DAC Slew Control
The soft-start cap C21 in the SC453 design serves three
conditions.
1) Define the start-up ramp.
2) Define the DAC slew rate during sleep and VID transi-
tions. During VID transitions the SS current is nominally
+/- 120μA; during sleep transitions the SS current in-
creases to +/-240μA);
3) During start-up, the SS current is normally +/- 6.5μA.
Step 8 — Calculate Input RMS Current
In order to calculate the worst-case RMS current for the
input capacitors, the efficiency at V
IN_MIN
and full load. is
conservatively set at 80%. The actual converter efficiency
depends on component selection, layout, airflow, etc.
POUT
IMAX_FL VMAX_FL
⋅
:=
POUT 23.64 W
=
PIN
POUT
85 %
:=
IIN_DC
PIN
VINMIN
:=
D
VMAX_FL
VINMIN
:=
IIN_DC
3.476 A
=
IRMS
IMAX_FL
() I
IN_DC
−
⎡⎣
⎤
2
D
⋅
IIN_DC
2
1D
−
()
⋅
⎡
⎣
⎤
+
:=
IRMS
7.116 A
=
CI_RMS
2A
:=
Using an RMS current rating of 2A, typical of 10μF, 25V
MLCC capacitors, the number of required capacitors is
calculated as shown below.
CI_NUM
ceil
IRMS
CI_RMS
⎛
⎜
⎝
⎞
⎠
:=
CI_NUM
4
=
The calculation indicates that four capacitors are needed
to satisfy the worst-case RMS current requirement.
Input Capacitance Calculation Using Ripple Voltage
The allowable input ripple voltage seen at input capaci-
tance is denoted dVin. For this example 250mV is used as
the maximum allowable input ripple voltage. The actual
ripple voltage varies with duty cycle (D). The maximum
value occurs at D = 0.5.
Applications Information (Cont.)
dVin
250 mV
:=
DMAX
0.5
:=
Tin
1
FS
:=
CIN_MIN
IPEAK
2
DMAX DMAX
2
−
⎛
⎝
⎞
⋅
Tin
dVin
⋅
:=
CIN_MIN
3.341
10
5
−
×
F
=
CIN
10
μF
:=
NIN_MIN_RIPPLE
ceil
CIN_MIN
CIN
⎛
⎜
⎝
⎞
⎠
:=
NIN_MIN_RIPPLE
4
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com