Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC618 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC618
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC618 Datasheet(HTML) 5 Page - Semtech Corporation

  SC618 Datasheet HTML 1Page - Semtech Corporation SC618 Datasheet HTML 2Page - Semtech Corporation SC618 Datasheet HTML 3Page - Semtech Corporation SC618 Datasheet HTML 4Page - Semtech Corporation SC618 Datasheet HTML 5Page - Semtech Corporation SC618 Datasheet HTML 6Page - Semtech Corporation SC618 Datasheet HTML 7Page - Semtech Corporation SC618 Datasheet HTML 8Page - Semtech Corporation SC618 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC618
5
Typical Characteristics
Flash Current at 10ms, R
ISET = 500m
Ω, V
OUT = 3.75V
485
490
495
500
505
510
515
3.3
3.45
3.6
3.75
3.9
4.05
4.2
VIN (V)
Flash Current at 500ms, R
ISET = 500m
Ω, V
OUT = 3.58V
485
490
495
500
505
510
515
3.3
3.45
3.6
3.75
3.9
4.05
4.2
VIN (V)
Spotlight Current, R
ISET = 500m
Ω, V
OUT = 3.16V
180
188
196
204
212
220
3
3.45
3.9
4.35
4.8
5.25
VIN (V)
1x Mode
Transition to
2x Mode
Flash Duration, R
ISET = 500m
Ω, V
OUT = 3.75V (start),
3.58V (LED Heated 500ms)
485
491
497
503
509
515
0
100
200
300
400
500
Pulse Duration (ms)
VIN=4.2V
VIN=3.7V
VIN=3.3V
Flash Duration, R
ISET = 350m
Ω, V
OUT = 3.86V
(start), 3.61V (LED Heated 500ms)
675
695
715
735
755
0
100
200
300
400
500
Pulse Duration (ms)
VIN=4.2V
VIN=3.7V
VIN=3.3V
VIN=3.4V
Flash Current at 100ms, R
ISET = 500m
Ω, V
OUT = 3.68V
485
490
495
500
505
510
515
3.3
3.45
3.6
3.75
3.9
4.05
4.2
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com