Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC618 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC618
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC618 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC618 Datasheet HTML 2Page - Semtech Corporation SC618 Datasheet HTML 3Page - Semtech Corporation SC618 Datasheet HTML 4Page - Semtech Corporation SC618 Datasheet HTML 5Page - Semtech Corporation SC618 Datasheet HTML 6Page - Semtech Corporation SC618 Datasheet HTML 7Page - Semtech Corporation SC618 Datasheet HTML 8Page - Semtech Corporation SC618 Datasheet HTML 9Page - Semtech Corporation SC618 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC618
6
Typical Characteristics (continued)
Flash Mode Ripple, R
ISET = 500m
Ω
Time (200ms/div)
Safety Timer Shut-Off
Time (40μs/div)
Start-Up Flash Mode, 500mA
Ch 1: 100mV/DIV
Ch 2: 200mV/DIV
Ch 3: 200mV/DIV
Time (4μs/div)
Ch 1: 100mV/DIV
Ch 2: 2V/DIV
Ch 3: 2V/DIV
Ch1: 100mV/DIV
Ch2: 2V/DIV
Ch3: 5V/DIV
Spotlight 1x Mode Ripple, R
ISET = 500m
Ω
Time (4μs/div)
Ch1: 50mV/DIV
Ch2: 50mV/DIV
Ch3: 50mV/DIV
Short Circuit Current Limiting, V
IN = 5.25V, VOUT = 0V
Time (400ms/div)
Ch1: 2V/DIV
Ch4: 100mA/DIV
Spotlight 2x Mode Ripple, R
ISET = 500m
Ω
Time (4μs/div)
Ch1: 50 mV/DIV
Ch2: 100 mV/DIV
Ch3: 100 mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com