Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32321 Datasheet(PDF) 8 Page - EPCOS

Part # B32321
Description  Film capacitors - AC capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 Datasheet(HTML) 8 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS B32321 Datasheet HTML 7Page - EPCOS B32321 Datasheet HTML 8Page - EPCOS B32321 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32321/B32323 MotorCap™
VR
V AC
CR
µF
Max. dimensions
d × l (mm)
B32321
Max. dimensions
d × l (mm)
B32323
Ordering code
Packing units
pcs.
480
3
30 × 62
30 × 62
B3232*B7305J0#0
112
4
30 × 62
30 × 62
B3232*B7405J0#0
112
5
30 × 62
30 × 62
B3232*B7505J0#0
112
6
35 × 62
35 × 62
B3232*B7605J0#0
84
7
35 × 71
35 × 71
B3232*B7705J0#0
84
8
35 × 71
35 × 71
B3232*B7805J0#0
84
9
35 × 71
35 × 71
B3232*B7905J0#0
84
10
40 × 71
40 × 71
B3232*B7106J0#0
45
12
40 × 71
40 × 71
B3232*B7126J0#0
45
15
45 × 71
45 × 71
B3232*B7156J0#0
45
18
45 × 71
45 × 71
B3232*B7186J0#0
45
20
45 × 71
45 × 71
B3232*B7206J0#0
45
22
45 × 71
45 × 71
B3232*B7226J0#0
45
25
45 × 95
45 × 95
B3232*B7256J0#0
45
30
45 × 95
45 × 95
B3232*B7306J0#0
45
35
45 × 95
45 × 95
B3232*B7356J0#0
45
40
45 × 95
45 × 95
B3232*B7406J0#0
45
Composition of ordering code:
*: Terminals
21
single fast on terminals
23
double fast on terminals
#: Construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with fast fixation device, available for diameters 30 mm, 32 mm and 35 mm,
others on request
U Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for Power
Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to
prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are
kindly requested to approve our product specifications or request our approval for your specification before ordering.
FK PC PM AC
July 2007
Please read the important notes,
Page 8 of 9
cautions and warnings.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com