Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32321 Datasheet(PDF) 2 Page - EPCOS

Part # B32321
Description  Film capacitors - AC capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 Datasheet(HTML) 2 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS B32321 Datasheet HTML 7Page - EPCOS B32321 Datasheet HTML 8Page - EPCOS B32321 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32321/B32323 MotorCap™
UL type (construction only)
Construction
Dielectric: polypropylene film
Plastic can and top UL 94 V2 material
Dry type
Features
Self-healing properties
Low dissipation factor
P0 safety class to IEC 60252-1 2001-02
High insulation resistance
UL file E 183224 (construction only)
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
B32321 – Single Fast on: 6.3 × 0.8 mm
B32323 – Double Fast on: 6.3 × 0.8 mm
Mounting parts (optional)
Threaded stud at bottom of can (M8, max. torque = 5 Nm)
Fast fixation for mounting into a hole of Ø 8 mm
Technical data and specifications
Reference standards
IEC 60252-1 2001-02 / UL 810
Safety class according IEC 60252-1 2001-02
P0
Life expectancy to IEC 60252 2001
250 V / 85 °C:
10,000 h (class B)
400 V / 85 °C:
10,000 h (class B)
480 V / 85 °C:
3,000 h (class C)
UL 810 file E 183224
for Nashik and Gravatai plant
Construction only
Rated capacitance CR
See dimensions table
Tolerance
±5%
Rated voltage VR
250 V AC, 400 V AC, 480 V AC
Rated frequency fR
50 / 60 Hz
FK PC PM AC
July 2007
Please read the important notes,
Page 2 of 9
cautions and warnings.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com