Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2371 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2371
Description  3V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2371 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2371 Datasheet HTML 1Page - RF Micro Devices RF2371 Datasheet HTML 2Page - RF Micro Devices RF2371 Datasheet HTML 3Page - RF Micro Devices RF2371 Datasheet HTML 4Page - RF Micro Devices RF2371 Datasheet HTML 5Page - RF Micro Devices RF2371 Datasheet HTML 6Page - RF Micro Devices RF2371 Datasheet HTML 7Page - RF Micro Devices RF2371 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
4-224
RF2371
Rev A2 010205
4
Application Information
The RF2371 may be configured to use either the internal current setting or the external current setting. This choice is
made by asserting IPSET, pin 4, to CMOS level “low” for the internal current setting or CMOS level “high” for the external
current setting.
Internal Current Setting
When IPSET is set to CMOS “low”, the internal current settings are chosen. This current draw is typically 2.9mA. In this
mode, the resistorR1 may be removed from the evaluation board schematic and ISET left floating. The condition for opti-
mal IP3 is to use the internal current setting option and leave the ISET pin open (no connect).
External Current Setting
The external current setting is configured by using the series resistor between ISET, pin7, and ground (refer to resistor
R1 in evaluation board schematic). The value of the resistor may be changed to permit various operating currents up to a
maximum allowable current of 20mA. The table below gives approximate minimum R1 values to allow the 20mA maxi-
mum current draw at various operating voltages.
Note: When the internal current setting was selected, the part tested drew 4.4mA, which is higher than typical
(2.9 mA). Thus values of R1 given vary from part to part.
VCC (V)
Resistor R1 (
Ω)
Current Draw (mA)
2.7
2.4k
20.1
3.0
2.7k
20.1
3.3
3.0k
20.0
3.6
3.3k
19.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com