Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2371 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2371
Description  3V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2371 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2371 Datasheet HTML 1Page - RF Micro Devices RF2371 Datasheet HTML 2Page - RF Micro Devices RF2371 Datasheet HTML 3Page - RF Micro Devices RF2371 Datasheet HTML 4Page - RF Micro Devices RF2371 Datasheet HTML 5Page - RF Micro Devices RF2371 Datasheet HTML 6Page - RF Micro Devices RF2371 Datasheet HTML 7Page - RF Micro Devices RF2371 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-221
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
8
7
6
5
RFOUT
ISET
VCC
ENABLE
RF IN
GND1
GND2
IPSET
1
2
3
4
Bias Circuits
RF2371
3V LOW NOISE AMPLIFIER
•GSM Handsets
• CDMA Handsets
• TDMA Handsets
• IForRFBufferAmplifiers
• Driver Stage for Power Amplifiers
• Oscillator Loop Amplifiers
The RF2371 is a general purpose, low-cost, high perfor-
mance low noise amplifier designed for operation from a
2.7V to 4V supply with low current consumption. The
attenuation of the device is controlled when in power
down mode, providing a known gain step. The RF2371 is
available in a small industry-standard SOT23-8 surface
mount package, enabling compact designs which con-
serve board space. The design features a highly accurate
PTAT (Proportional To Absolute Temperature) biasing
scheme using bandgap cells.
• 700MHz to 2000MHz Operation
• 2.7V to 3.6V Single Supply
•+5dBm Input IP3 at 3.0mA
•12dB Gain at 1950MHz
• 1.8dB Noise Figure at 1950MHz
•17dB Gain Step
RF2371
3V Low Noise Amplifier
RF2371 PCBA
Fully Assembled Evaluation Board
4
Rev A2 010205
0.127
3°MAX
0°MIN
0.55
0.35
0.365
1.59
1.61
3.00
2.60
3.00
2.80
0.650
0.15
0.05
1.44
1.04
*When Pin 1 is in
upper left, text
reads downward
(as shown).
Package Style: SOT23-8


Similar Part No. - RF2371

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370PCBA-410 RFMD-RF2370PCBA-410 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370PCBA-410 RFMD-RF2370PCBA-410 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2371

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com