Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2416 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2416
Description  DUAL-BAND 2.7V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2416 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2416 Datasheet HTML 1Page - RF Micro Devices RF2416 Datasheet HTML 2Page - RF Micro Devices RF2416 Datasheet HTML 3Page - RF Micro Devices RF2416 Datasheet HTML 4Page - RF Micro Devices RF2416 Datasheet HTML 5Page - RF Micro Devices RF2416 Datasheet HTML 6Page - RF Micro Devices RF2416 Datasheet HTML 7Page - RF Micro Devices RF2416 Datasheet HTML 8Page - RF Micro Devices RF2416 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary
4-202
RF2416
Rev A2 010810
4
Pin
Function
Description
Interface Schematic
1HB IN
DCS1800/PCS1900 RF input pin.
2HB BIAS
HB BIAS is set to the supply voltage at high gain mode. For bypass
mode see “Gain Select Possibility”.
3LB BIAS
LB BIAS is set to the supply voltage at high gain mode. For bypass
mode see “Gain Select Possibility”.
4LB IN
GSM900 RF input pin.
5LB GND
LNA emittance inductance. Total inductance is comprised of
package+bondwire+ L2 on PCB.
6LB OUT
GSM900 Amplifier Output pin. This pin is an open-collector output. It
must be biased to VCC through a choke or matching inductor. This pin
is typically matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application schematics.
7
LB SELECT This pin selects high gain and bypass for GSM900.
Select < 0.8V, high gain.
Select > 1.8V, low gain.
8
HB SELECT This pin selects high gain and bypass for DCS1800/PCS1900.
Select < 0.8V, high gain.
Select > 1.8V, low gain.
9HB OUT
DCS1800 Amplifier Output pin. This pin is an open-collector output. It
must be biased to VCC through a choke or matching inductor. This pin
is typically matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application schematics.
HB IN
VCC1 HB
To Bias
Circuit
HB GND1
HB VREF/P
LB VREF/PD
LBOUT
LB GND
LB IN
To Bias
Circuit
LB SELECT
HB SELECT
HB OUT
HB GND2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com