Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2416 Datasheet (PDF) - RF Micro Devices

RF2416 Datasheet PDF - RF Micro Devices
Part # RF2416
Download  RF2416 Download
File Size   417.61 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND 2.7V LOW NOISE AMPLIFIER

RF2416 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2416 Datasheet PDF - RF Micro Devices

Part # RF2416
Download  RF2416 Click to download

File Size   417.61 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND 2.7V LOW NOISE AMPLIFIER

RF2416 Datasheet (HTML) - RF Micro Devices


RF2416 Product details

Product Description
The RF2416 is a dual-band low noise amplifier with bypass switch designed for use as a front-end for 950MHz GSM and DCS1800/PCS1900 applications. It may also be used for dual-band cellular/PCS application. The 900MHz LNA is a single-stage amplifier with bypass switch; the 1800/1900 LNA is a two-stage amplifier with bypass switch. Both amplifiers have excellent noise figure and high linearity in both high gain and bypass/low gain mode. The device is packaged in a 3mmx3mm, 12 pin, leadless chip carrier.

Features
• Low Noise and High Intercept Point
• Dual-Band Application GSM900 and DCS1800/PCS1900
• Power Down Control
• Switchable Gain

Typical Applications
• GSM/DCS Dual-Band Handsets
• Cellular/PCS Dual-Band Handsets
• General Purpose Amplification
• Commercial and Consumer Systems




Similar Part No. - RF2416

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
More results


Similar Description - RF2416

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2368 RFMD-RF2368 Datasheet
191Kb / 8P
DCS/PCS 2.7V LOW NOISE AMPLIFIER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
TriQuint Semiconductor
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
Ka Band Low Noise Amplifier
logo
RF Micro Devices
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A Datasheet
508Kb / 8P
W-band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
Ka Band Low Noise Amplifier
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A_15 Datasheet
127Kb / 6P
W-band Low Noise Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com